Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 136 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 136 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 132Page - ASIX Electronics Corporation AX58200 Datasheet HTML 133Page - ASIX Electronics Corporation AX58200 Datasheet HTML 134Page - ASIX Electronics Corporation AX58200 Datasheet HTML 135Page - ASIX Electronics Corporation AX58200 Datasheet HTML 136Page - ASIX Electronics Corporation AX58200 Datasheet HTML 137Page - ASIX Electronics Corporation AX58200 Datasheet HTML 138Page - ASIX Electronics Corporation AX58200 Datasheet HTML 139Page - ASIX Electronics Corporation AX58200 Datasheet HTML 140Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 180 page
background image
136
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.5.9
Digital to Analog Converter (DAC)
Symbol
Parameter
Conditions
Min
Typ
Max Units
AV
DD
Analog supply voltage
1.8
-
3.6
V
NR
Resolution
12
bit
V
REF
Reference supply voltage
V
REF
≤ AV
DD
1.5
-
AV
DD
V
DNL
Differential non-linearity error[*4]
12-bit mode
-
-
±2
LSB
10-bit mode
-
-
±0.5
LSB
INL
Integral non-linearity error[*4]
12-bit mode
-
-
±4
LSB
10-bit mode
-
-
±1
LSB
OE
Offset Error[*4]
12-bit mode
DACOUT buffer ON
-
-
±6
LSB
12-bit mode
DACOUT buffer OFF
-
-
±4
LSB
10-bit mode
-
-
±2
LSB
GE
Gain Error[*4]
12-bit mode
DACOUT buffer ON
-
-
±5
LSB
12-bit mode
DACOUT buffer OFF
-
-
±4
LSB
10-bit mode
-
-
±2
LSB
AE
Absolute Error[*4]
12-bit mode
DACOUT buffer ON
-
-
±8
LSB
12-bit mode
DACOUT buffer OFF
-
-
±4
LSB
10-bit mode
-
-
±2
LSB
-
Monotonic
10-bit guaranteed
VO
Output Voltage
DACOUT buffer ON
0.2
AV
DD -
0.2
V
RLOAD
Resistive load[*2]
DACOUT buffer ON
7.5
-
-
kΩ
Ro
Output impedance[*4]
DACOUT buffer OFF
10
12
kΩ
CLOAD
Capacitive load[*3]
-
-
-
50
pF
IAVDD
Current consumption on AVDD supply[*4]
AV
DD
= 3.6V, no load, lowest
code (0x000)
-
-
180
A
AV
DD
= 3.6V, no load, middle
code (0x800)
-
-
420
I
REF
Current consumption on VREF supply[*4]
VREF =3.6V, no load, middle code
(0x800)
-
150
240
A
T
S
Settling Time
Full scale: for a 12-bit input
code transition between the
lowest and the highest input
codes when DAC_OUT reaches
final value +/-1 LSB,
CLOAD ≤ 50pF, RLOAD ≥ 7.5kΩ
-
5
6
μs
Fs
Update Rate
Max. frequency for a correct
DAC_OUT change from core i to
i+1LSB, CLOAD ≤ 50pF, RLOAD ≥
7.5kΩ
-
-
1
MSPS
TWAKEUP
Wake-up Time
Wakeup time from OFF state.
Input code between lowest and
highest possible codes.
DAC clock source = 1MHz
-
9
15
μs
PSRR
Power Supply Rejection Ratio[*1]
No RLOAD, CLOAD = 50pF
-
-60
-40
dB
Note:
1.
Guaranteed by design, not tested in production.
2.
Resistive load between DACOUT and AVSS.
3.
Capacitive load at DACOUT pin.
4.
Guaranteed based on test during characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com