Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 137 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 137 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 133Page - ASIX Electronics Corporation AX58200 Datasheet HTML 134Page - ASIX Electronics Corporation AX58200 Datasheet HTML 135Page - ASIX Electronics Corporation AX58200 Datasheet HTML 136Page - ASIX Electronics Corporation AX58200 Datasheet HTML 137Page - ASIX Electronics Corporation AX58200 Datasheet HTML 138Page - ASIX Electronics Corporation AX58200 Datasheet HTML 139Page - ASIX Electronics Corporation AX58200 Datasheet HTML 140Page - ASIX Electronics Corporation AX58200 Datasheet HTML 141Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 180 page
background image
137
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.5.10 Analog Comparator Controller (ACMP)
The maximum values are obtained for VDD = 3.6 V and maximum ambient temperature (TA), and the typical
values for TA= 25 °C and VDD = 3.3 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Units
AV
DD
Analog supply voltage
1.8
3.6
V
TA
Temperature
-40
105
℃
I
DD
Operating current
MODESEL[1:0] = 00
1.2
A
MODESEL[1:0] = 01
3
MODESEL[1:0] = 10
10
MODESEL[1:0] = 11
75
VCM
Input common mode voltage range [*2]
0.1
1/2
AV
DD
AV
DD
-0.1
VDI
Differential input voltage sensitivity [*2]
Hysteresis disable
10
20
mV
Voffset
Input offset voltage
Hysteresis disable,
5
10
mV
Vhys
Hysteresis window
HYSSEL[1:0] = 00
0
mV
HYSSEL[1:0] = 01
10
HYSSEL[1:0] = 10
20
HYSSEL[1:0] = 11
30
Av
DC voltage Gain[*1]
70
dB
Td
Propagation delay[*2]
Hysteresis disable
MODESEL[1:0] = 00
0.2
uS
Hysteresis disable
MODESEL[1:0] = 01
0.6
Hysteresis disable
MODESEL[1:0] = 10
2
Hysteresis disable
MODESEL[1:0] = 11
4.5
TSetup
Setup time[*2]
Hysteresis disable
MODESEL[1:0] = 00
0.45
uS
Hysteresis disable
MODESEL[1:0] = 01
0.85
Hysteresis disable
MODESEL[1:0] = 10
2.25
Hysteresis disable
MODESEL[1:0] = 11
4.75
Note:
1.
Guaranteed by design, not tested in production
2.
Guaranteed by characteristic, not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com