Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 135 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 135 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 131Page - ASIX Electronics Corporation AX58200 Datasheet HTML 132Page - ASIX Electronics Corporation AX58200 Datasheet HTML 133Page - ASIX Electronics Corporation AX58200 Datasheet HTML 134Page - ASIX Electronics Corporation AX58200 Datasheet HTML 135Page - ASIX Electronics Corporation AX58200 Datasheet HTML 136Page - ASIX Electronics Corporation AX58200 Datasheet HTML 137Page - ASIX Electronics Corporation AX58200 Datasheet HTML 138Page - ASIX Electronics Corporation AX58200 Datasheet HTML 139Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 180 page
background image
135
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.5.8
Temperature sensor
Symbol
Parameter
Conditions
Min
Typ
Max Units
V
DD
Operating Voltage
1.8
3.6
V
TA
Temperature Range
-40
105
°C
ITEMP
Current Consumption [*3]
16
A
Tc
Temperature Coefficient [*3]
-1.77
-1.82
-1.84
mV/
°C
Vos
Offset Voltage when TA = 0°C [*3]
710.2
716.8
mV
t
S
Stable time[*2]
1
µs
T
S_temp
ADC sampling time when reading the temperature
(5pF cap load) [*1]
3
µs
Note:
1.
VTEMP (mV) = Tc (mV/°C) x Temperature (°C) + Vos (mV)
2.
Guaranteed by design, not tested in production
3.
Guaranteed by characteristic, not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com