Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 132 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 132 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 128Page - ASIX Electronics Corporation AX58200 Datasheet HTML 129Page - ASIX Electronics Corporation AX58200 Datasheet HTML 130Page - ASIX Electronics Corporation AX58200 Datasheet HTML 131Page - ASIX Electronics Corporation AX58200 Datasheet HTML 132Page - ASIX Electronics Corporation AX58200 Datasheet HTML 133Page - ASIX Electronics Corporation AX58200 Datasheet HTML 134Page - ASIX Electronics Corporation AX58200 Datasheet HTML 135Page - ASIX Electronics Corporation AX58200 Datasheet HTML 136Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 180 page
background image
132
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Symbol
Description
Conditions
Min.
Typ.
Max.
Units
VCCK
Power supply voltage to be detected
-
1.0
1.2
1.32
V
V
rr
VCCK rise relax voltage
-
-
0.72
0.9
V
V
fr
VCCK fall release voltage
-
-
0.63
0.85
V
Trst
Reset time after POR trigger up
VCCK slew rate
= 1.0V / 1μs
1.8
2.5
4.8
μs
Tdrop
Drop time of VCCK to reset
VCCK slew rate
= 2.5V / 1μs
0.2
0.4
0.9
μs
Table 3.5-1: Power On Reset (POR) Timing Table
3.5.6
Internal Voltage Reference
Symbol
Parameter
Conditions
Min
Typ
Max Units
VREF_INT
Internal reference voltage
1.6
V
2.0
2.5
3.0
AVDD_min
AVDD minimum voltage
2
V
2.2
2.7
3.2
Ts
Stable time
CL =4.7 uF, VREF initial=0
0.7
2
ms
CL =0.1 uF, VREF initial=0
35
48
us
VREF
1uF
Typical connection with internal voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com