Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 129 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 129 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 125Page - ASIX Electronics Corporation AX58200 Datasheet HTML 126Page - ASIX Electronics Corporation AX58200 Datasheet HTML 127Page - ASIX Electronics Corporation AX58200 Datasheet HTML 128Page - ASIX Electronics Corporation AX58200 Datasheet HTML 129Page - ASIX Electronics Corporation AX58200 Datasheet HTML 130Page - ASIX Electronics Corporation AX58200 Datasheet HTML 131Page - ASIX Electronics Corporation AX58200 Datasheet HTML 132Page - ASIX Electronics Corporation AX58200 Datasheet HTML 133Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 180 page
background image
129
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.4.5
12 MHz Internal High Speed RC Oscillator (HIRC)
Symbol
Parameter
Conditions
Min
Typ
Max Units
VHRC
Supply voltage
1.8
3.6
V
fHRC
Center Frequency
12
MHz
Internal Oscillator Frequency[*1]
TA = 25 °C,
VDD = 3.3V
-1
1
%
IHRC
-40C ~ +105 °C,
VDD = 1.8 ~ 3.6V
-2
2
%
TS
Operating current
155
A
3.4.6
10 KHz Internal Low Speed RC Oscillator (LIRC)
Symbol
Parameter
Conditions
Min
Typ
Max Units
VLRC
Supply voltage
1.8
3.6
V
FLRC
Oscillator Frequency[*1]
VDD=1.8V~3.6V, TA=-
40~105°C
5
20
KHz
ILRC
Operating current
VDD = 3.3V
0.5
A
TS
Stable time
200
μs
3.4.7
PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Units
f
PLL_IN
PLL input clock
4
24
MHz
f
PLL_OUT
PLL multiplier output clock
50
500
MHz
T
S
PLL stable time[*1]
100
200
µs
Jitter
Cycle-to-cycle Jitter[*2]
Peak to peak @ 480M
250
ps
I
DD
Power consumption
VDD=3.3V@500MHz
3
mA
3.4.8
External Ethernet Crystal Characteristics
TDB
3.4.9
External Ethernet Clock Input (OSC) Characteristics
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com