Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 125 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 125 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 121Page - ASIX Electronics Corporation AX58200 Datasheet HTML 122Page - ASIX Electronics Corporation AX58200 Datasheet HTML 123Page - ASIX Electronics Corporation AX58200 Datasheet HTML 124Page - ASIX Electronics Corporation AX58200 Datasheet HTML 125Page - ASIX Electronics Corporation AX58200 Datasheet HTML 126Page - ASIX Electronics Corporation AX58200 Datasheet HTML 127Page - ASIX Electronics Corporation AX58200 Datasheet HTML 128Page - ASIX Electronics Corporation AX58200 Datasheet HTML 129Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 180 page
background image
125
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
DC Electrical Characteristics
3.3.1
Leakage Current and Capacitance
Symbol
Parameter
Conditions
Min
Typ
Max Units
IIN
Input leakage current.
No pull-up or pull-down.
3.3V with 5V tolerant I/O pins.
Vin = 5 or 0V.
-
< ±1
-
μA
CIN
Input capacitance.
3.3V with 5V tolerant I/O pins.
-
2.3
-
pF
3.3.2
DC Characteristics of 3.3V (with 5V Tolerant) I/O Pins
Symbol
Parameter
Conditions
Min
Typ
Max Units
VIL
Input low voltage.
VDD=VDDIO=VCC3IO=
3.6V
0.8
V
VDD=VDDIO=1.8V
0.56
V
VIH
Input high voltage.
VDD=VDDIO=VCC3IO=
3.6V
2.0
V
VDD=VDDIO=1.8V
1.04
V
Vt-
Schmitt trigger negative going threshold
voltage.
VDD=VDDIO
0.3*
VDD
0.4*
VDD
V
VCC3IO=3.6V
0.8
1.1
V
Vt+
Schmitt trigger positive going threshold
voltage
VDD=VDDIO
0.6*
VDD
0.7*
VDD
V
VCC3IO=3.6V
1.6
2.0
Vol
Output low voltage.
Iol = 4 ~ 8mA
-
-
0.4
V
Voh
Output high voltage.
Ioh = 4 ~ 8mA
2.4
-
-
V
Vopu (1)
Output pull-up voltage for 5V tolerant IO
With internal pull-up
resistor
VCC
3IO –
0.9
-
-
V
Rpu
Input pull-up resistance.
For VDD and VDDIO IO pad
50
KΩ
For VCC3IO IO pad
40
75
190
KΩ
Rpd
Input pull-down resistance.
For VDD and VDDIO IO pad
50
KΩ
For VCC3IO IO pad
40
75
190
KΩ
Iin
Input leakage current.
Vin = 5 or 0V
-
±1
-
μA
Input
leakage
current
with
pull-up
resistance.
Vin = 0 V
-
-45
-
μA
Input leakage current with
pull-down
resistance.
Vin = VCC3IO
-
45
-
μA
CIO
I/O pin capacitance
5
pF
Note: This parameter indicates that the pull-up resistor for the 5V tolerant I/O pins cannot reach VCC3IO DC
level even without DC loading current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com