Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 124 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 124 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 120Page - ASIX Electronics Corporation AX58200 Datasheet HTML 121Page - ASIX Electronics Corporation AX58200 Datasheet HTML 122Page - ASIX Electronics Corporation AX58200 Datasheet HTML 123Page - ASIX Electronics Corporation AX58200 Datasheet HTML 124Page - ASIX Electronics Corporation AX58200 Datasheet HTML 125Page - ASIX Electronics Corporation AX58200 Datasheet HTML 126Page - ASIX Electronics Corporation AX58200 Datasheet HTML 127Page - ASIX Electronics Corporation AX58200 Datasheet HTML 128Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 180 page
background image
124
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max Units
fHCLK
Internal AHB clock frequency
192
MHz
VDD
DC Power Supply Voltage
1.8
3.6
V
AVDD(1)
Analog Operation Voltage
VDD
V
VDDIO
Power supply for PA.0 ~ 5
1.8
3.6
V
VREF
Analog reference voltage
1.8
AVDD
V
VLDO
LDO Output Voltage
1.26
V
VBG
Band-gap Voltage for ADC
VDD = 1.8 V ~ 3.6 V
1.17
1.23
V
VCC3IO
Power supply of 3.3V I/O for ESC sub-
system
2.97
3.3
3.63
V
VCC33A
Analog power supply for Ethernet PHY
2.97
3.3
3.63
V
VCCK
Digital core power supply for ESC sub-
system
1.08
1.2
1.32
V
VCC12A_PLL
Analog power supply for PLL for ESC sub-
system
1.08
1.2
1.32
V
CLDO(2)
LDO Output capacitance on each pin
2.2
uF
tVDD
VDD rise time rate
10
us/V
VDD fall time rate
BOD Disabled, LVR
Enabled(3)
400
BOD Disabled, LVR
Enabled(4)
500
BOD 1.6V Enabled
80
BOD 3.0V Enabled
60
TJ
Operating junction temperature
-40
25
125
℃
TA
Operating ambient temperature
-40
-
105
℃
(1): It is recommended to power VDD and AVDD from the same source. A maximum difference of 0.3 V between
VDD and AVDD can be tolerated during power-on and power-off operation.
(2): To ensure stability, an external 2.2 μF output capacitor, CLDO must be connected between the LDO_CAP pin
and the closest GND pin of the device. Solid tantalum and multilayer ceramic capacitors are suitable as
output capacitor. Additional 2.2 uF bypass capacitor between LDO_CAP pin and the closest GND pin of the
device helps decrease output noise and improves the load transient response.
(3): LVR in active mode
(4): LVR in low power mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com