Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 128 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 128 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 124Page - ASIX Electronics Corporation AX58200 Datasheet HTML 125Page - ASIX Electronics Corporation AX58200 Datasheet HTML 126Page - ASIX Electronics Corporation AX58200 Datasheet HTML 127Page - ASIX Electronics Corporation AX58200 Datasheet HTML 128Page - ASIX Electronics Corporation AX58200 Datasheet HTML 129Page - ASIX Electronics Corporation AX58200 Datasheet HTML 130Page - ASIX Electronics Corporation AX58200 Datasheet HTML 131Page - ASIX Electronics Corporation AX58200 Datasheet HTML 132Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 180 page
background image
128
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.4.3
External 32.768 KHz Low Speed Crystal (LXT) characteristics
LXT Crystal AC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Units
VDD
Operation Voltage
1.8
3.6
V
fLXT
Oscillator frequency
VDD = 1.8 ~ 3.6 V
32.768
KHz
TLXT
Temperature
-40
105
C
ILXT
Operating current
VDD = 3.3V
0.5
A
Duty cycle
45
55
%
TS
Stable Time
500
ms
LXT Crystal Typical Crystal Application Circuits
CRYSTAL
C1
C2
R1
32.768 KHz
20pF
20pF
without
XT_IN
XT_OUT
C1
R1
C2
3.4.4
External 32.768 KHz Low Speed Clock Input (OSC) Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Units
tCHCX
Clock High Time
450
-
-
nS
tCLCX
Clock Low Time
450
-
-
nS
tCLCH
Clock Rise Time
-
-
50
nS
tCHCL
Clock Fall Time
-
-
50
nS
Xin_VIH
LXT Input Pin Input High Voltage
0.7*V
DD
V
Xin_VIL
LXT Input Pin Input Low Voltage
0.3*V
DD
V
tCHCX
90%
10%
tCLCH
tCHCL
tCLCX
tCLCL
Xin_VIL
Xin_VIH
Note: Duty cycle is 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com