Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 127 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 127 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 123Page - ASIX Electronics Corporation AX58200 Datasheet HTML 124Page - ASIX Electronics Corporation AX58200 Datasheet HTML 125Page - ASIX Electronics Corporation AX58200 Datasheet HTML 126Page - ASIX Electronics Corporation AX58200 Datasheet HTML 127Page - ASIX Electronics Corporation AX58200 Datasheet HTML 128Page - ASIX Electronics Corporation AX58200 Datasheet HTML 129Page - ASIX Electronics Corporation AX58200 Datasheet HTML 130Page - ASIX Electronics Corporation AX58200 Datasheet HTML 131Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 180 page
background image
127
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
HXT Crystal Typical Crystal Application Circuits
CRYSTAL
C1
C2
R
4MHz ~ 24 MHz
20pF
20pF
without
XT_IN
XT_OUT
C1
R1
C2
3.4.2
External 4~24 MHz High Speed Clock Input (OSC) Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Units
tCHCX
Clock High Time
18
-
-
nS
tCLCX
Clock Low Time
18
-
-
nS
tCLCH
Clock Rise Time
-
-
10
nS
tCHCL
Clock Fall Time
-
-
10
nS
VIH
Input High Voltage
0.7*V
DD
V
VIL
Input Low Voltage
0.3*V
DD
V
Note: Duty cycle is 50%.
tCHCX
90%
10%
tCLCH
tCHCL
tCLCX
tCLCL
VIL
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com