Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 140 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 140 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 136Page - ASIX Electronics Corporation AX58200 Datasheet HTML 137Page - ASIX Electronics Corporation AX58200 Datasheet HTML 138Page - ASIX Electronics Corporation AX58200 Datasheet HTML 139Page - ASIX Electronics Corporation AX58200 Datasheet HTML 140Page - ASIX Electronics Corporation AX58200 Datasheet HTML 141Page - ASIX Electronics Corporation AX58200 Datasheet HTML 142Page - ASIX Electronics Corporation AX58200 Datasheet HTML 143Page - ASIX Electronics Corporation AX58200 Datasheet HTML 144Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 180 page
background image
140
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Ethernet PHY Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Units
VPPTX
Peak-to-peak differential output voltage
100BASE-TX mode
1.9
2.0
2.1
V
Tr/Tf
Signal rise/fall time
100BASE-TX mode
3.0
4.0
5.0
ns
Output Jitter
100BASE-TX mode,
Scrambled idle signal
1.4
ns
Overshoot
100BASE-TX mode
5.0
%
Error-free cable length
meter
100
m
Fiber Mode
VOL
TX Output low voltage
1.0
1.5
2.0
V
VOH
TX Output high voltage
2.0
2.4
2.75
V
|VOD|
TX Differential threshold voltage
0.52
0.83
1.3
V
Vicm
RX Input common-mode voltage
1.67
2.0
2.33
V
|Vidth|
RX Input differential threshold voltage
0.2
0.83
1.0
V
SD
Copper mode
SD < 0.2V
Fiber mode without detected signal
Generate far-end fault
1.0V < SD < 1.8V
Fiber mode with detected signal
SD > 2.4V
Flash Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Units
VFLA
[1]
Supply Voltage
TA = 25℃
1.08
1.32
V
NENDUR
Endurance
10000
-
-
cycles
[2]
TRET
Data Retention
10
-
-
year
TERASE
Page Erase Time
92
-
160
mS
TMER
Mass Erase Time
201
-
320
mS
TPROG
Program Time
42
-
50
uS
IDD1
Read Current
-
-
4.12
mA
IDD2
Program Current
-
-
5
mA
IDD3
Erase Current
-
-
5
uA
Note:
1.
VFLA is source from chip LDO output voltage.
2.
Number of program/erase cycles.
3.
This table
4.
is guaranteed by design, not test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com