Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 96 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 96 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 92Page - Exar Corporation XRT79L71IB Datasheet HTML 93Page - Exar Corporation XRT79L71IB Datasheet HTML 94Page - Exar Corporation XRT79L71IB Datasheet HTML 95Page - Exar Corporation XRT79L71IB Datasheet HTML 96Page - Exar Corporation XRT79L71IB Datasheet HTML 97Page - Exar Corporation XRT79L71IB Datasheet HTML 98Page - Exar Corporation XRT79L71IB Datasheet HTML 99Page - Exar Corporation XRT79L71IB Datasheet HTML 100Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 441 page
background image
XRT79L71
PRELIMINARY
áç
áç
áç
áç
REV. P1.0.3
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
84
CHANNEL INTERRUPT INDICATION REGISTERS
3
Transmit
UTOPIA/POS-PHY
Interface Block Interrupt
Enable
R/W
Transmit UTOPIA/POS-PHY Interface Block Interrupt
Enable:
This READ/WRITE bit permit the user to either enable or disable
the Transmit UTOPIA/POS-PHY Interface Block for interrupt
generation. If the user writes a "0" to this register bit and dis-
ables the "Transmit UTOPIA/POS-PHY Interface Block" (for
interrupt generation), then all "Transmit UTOPIA/POS-PHY Inter-
face Block" interrupts will be disabled for interrupt generation. If
the user writes a "1" to this register bit, he/she will still need to
enable the individual "Transmit UTOPIA/POS-PHY Interface
Block" interrupt(s) at the "Source Level" in order to enable that
particular interrupt.
0 - Disable all "Transmit UTOPIA/POS-PHY Interface Block"
interrupts within the device.
1 - Enables the "Transmit UTOPIA/POS-PHY Interface Block" at
the "Block-Level".
2 - 1
Unused
R/O
0
Transmit ATM Cell/PPP
Processor Block
Interrupt Enable
R/W
Transmit ATM Cell/PPP Processor Block Interrupt Enable:
This READ/WRITE bit permit the user to either enable or disable
the Transmit ATM Cell/PPP Processor Block for interrupt genera-
tion. If the user writes a "0" to this register bit and disables the
"Transmit ATM Cell/PPP Processor Block" (for interrupt genera-
tion), then all "Transmit ATM Cell/PPP Processor Block" inter-
rupts will be disabled for interrupt generation. If the user writes a
"1" to this register bit, he/she will still need to enable the individ-
ual "Transmit ATM Cell/PPP Processor Block" interrupt(s) at the
"Source Level" in order to enable that particular interrupt.
0 - Disable all "Transmit ATM Cell/PPP Processor Block" inter-
rupts within the device.
1 - Enables the "Transmit ATM Cell/PPP Processor Block" at the
"Block-Level".
CHANNEL INTERRUPT INDICATOR - RECEIVE CELL PROCESSOR/PPP PROCESSOR BLOCK
(ADDRESS = 0X0119)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
Receive Cell
Processor
Block
Interrupt
R/O
R/O
00
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 1
Unused
R/O
BIT NUMBER
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com