| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 40 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 40 Page - Exar Corporation |
|
40 / 441 page ![]() XRT79L71 PRELIMINARY áç áç áç áç REV. P1.0.3 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC 28 A5 RxPOH/ RxSer O Receive PLCP Path Overhead Output pin/Receive Serial Output pin: The function of this output depends upon whether the XRT79L71 has been con- figured to operate in the ATM/PLCP Mode or in the Clear-Channel Framer Mode. ATM/PLCP Mode - RxPOH: This output pin along with the RxPOHClk, RxPOHFrame and RxPOHIns pins comprise the Receive PLCP Frame POH Byte serial output port. For each PLCP frame, that is received by the Receive PLCP Processor, this serial output port will output the contents of all 12 POH (Path Overhead) bytes. The data that is output via this pin, is updated on the rising edge of the RxPOHClk output clock signal. The RxPOHFrame pin will pulse "High" whenever the first bit of the Z6 byte is being output via this output pin. Clear-Channel Framer Mode - RxSer: If the XRT79L71 is configured to operate in the Clear-Channel Framer/Serial Mode, then the chip will output all received data, via this output pin. This output signal will be updated upon the rising edge of RxClk. NOTE: The user should either configure the XRT79L71 to operate in the Gapped-Clock Mode, or validate the sampling of each bit from the RxSer output with the state of RxOHInd' output pin, in order to prevent the local terminal equipment from sampling overhead bits. This output pin is only active if the XRT79L71 has been configured to operate in the ATM/PLCP or the Clear-Channel Framer/Serial Mode. This pin is inactive for all remaining modes of operation. PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |