Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 79 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 79 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 75Page - Exar Corporation XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation XRT79L71IB Datasheet HTML 81Page - Exar Corporation XRT79L71IB Datasheet HTML 82Page - Exar Corporation XRT79L71IB Datasheet HTML 83Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
67
0x1150
PMON Line Code Violation Count Register - MSB
RUR
0x00
0x1151
PMON Line Code Violation Count Register - LSB
RUR
0x00
0x1152
PMON Framing Bit/Byte Error Count Register - MSB
RUR
0x00
0x1153
PMON Framing Bit/Byte Error Count Register - LSB
RUR
0x00
0x1154
PMON P-Bit/BIP-8/BIP-4 Error Count Register - MSB
RUR
0x00
0x1155
PMON P-Bit/BIP-8/BIP-4 Error Count Register - LSB
RUR
0x00
0x1156
PMON FEBE Event Count Register - MSB
RUR
0x00
0x1157
PMON FEBE Event Count Register - LSB
RUR
0x00
0x1158
PMON CP-Bit Error Count Register - MSB
RUR
0x00
0x1159
PMON CP-Bit Error Count Register - LSB
RUR
0x00
0x115A
PMON PLCP BIP-8 Error Count Register - MSB
RUR
0x00
0x115B
PMON PLCP BIP-8 Error Count Register - LSB
RUR
0x00
0x115C
PMON PLCP Framing Byte Error Count Register - MSB
RUR
0x00
0x115D
PMON PLCP Framing Byte Error Count Register - LSB
RUR
0x00
0x115E
PMON PLCP FEBE Event Count Register - MSB
RUR
0x00
0x115F
PMON PLCP FEBE Event Count Register - LSB
RUR
0x00
0x1160 - 0x1167
Reserved
0x1168
PRBS Error Count Register - MSB
RUR
0x00
0x1169
PRBS Error Count Register - LSB
RUR
0x00
0x116A - 0x116C
Reserved
0x116D
One Second Error Status Register
R/O
0x00
0x116E
One Second Accumulator - LCV Count Register - MSB
R/O
0x00
0x116F
One Second Accumulator - LCV Count Register - LSB
R/O
0x00
0x1170
One Second Accumulator - P-Bit/BIP-8/BIP-4 Error Count Register -
MSB
R/O
0x00
0x1171
One Second Accumulator - P-Bit/BIP-8/BIP-4 Error Count Register - LSB
R/O
0x00
0x1172
One Second Accumulator - CP Bit Error Count Register - MSB
R/O
0x00
0x1173
One Second Accumulator - CP Bit Error Count Register - LSB
R/O
0x00
0x1174 - 0x117F
Reserved
0x1180
Line Interface Drive Register
R/W
0x08
0x1181
Line Interface Scan Register
R/O
0x00
CLEAR-CHANNEL FRAMER BLOCK REGISTERS
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAULT
VALUE
CHANNEL CONTROL REGISTERS
CLEAR-CHANNEL FRAMER BLOCK REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com