Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation XRT79L71IB Datasheet HTML 35Page - Exar Corporation XRT79L71IB Datasheet HTML 36Page - Exar Corporation XRT79L71IB Datasheet HTML 37Page - Exar Corporation XRT79L71IB Datasheet HTML 38Page - Exar Corporation XRT79L71IB Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
23
PIN #NAME
TYPE
DESCRIPTION
RECEIVE SYSTEM SIDE INTERFACE PINS
A4
RxAIS/
RxNib_2/
RxHDLCDat_2
O
Receive AIS Pattern Indicator/Receive Nibble Output Interface - Bit 2/
Receive HDLC Controller Data Bus - Bit 2 output pin:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer/Nibble-Parallel Interface
Mode, the High-Speed HDLC Controller Mode, or in the other modes.
Other Modes - RxAIS:
This output pin is driven "High" whenever the Receive Section of the XRT79L71
has detected and is currently declaring an AIS (Alarm Indicator Signal) condi-
tion.
Clear-Channel Framer/Nibble-Parallel Interface Mode - RxNib_2:
If the XRT79L71 is configured to operate in the Nibble-Parallel Mode, then this
output pin will function as the bit 2 output from the Receive Nibble-Parallel out-
put interface. The Receive Payload Data Output Interface block will output this
signal (along with RxNib_0, RxNib_1, and RxNib_3) upon the rising edge of the
RxClk output signal.
High-Speed HDLC Controller Mode - RxHDLCDat_2:
This output pin along with RxHDLCDat_[7:3] and RxHDLCDat_[1:0] functions
as the Receive HDLC Controller byte wide output data bus. The Receive HDLC
Controller will output the contents of all HDLC frames via this output data bus,
upon the rising edge of the RxHDLCClk output signal. Hence, the user's local
terminal equipment should be designed/configured to sample this data upon the
falling edge of the RxHDLCClk output clock signal.
B4
RxRED/
RxNib_3/
RxHDLCDat_3
O
Receive Section Red Alarm Indicator/Receive Nibble Interface Output pin -
Bit 3/Receive HDLC Controller Data Bus output pin - Bit 3:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the Clear-Channel Framer/Nibble-Parallel Mode, the
High-Speed HDLC Controller Mode, or in some other mode.
Clear-Channel Framer/Nibble-Parallel Mode - RxNib_3:
The XRT79L71 will output Received data from the remote terminal equipment
to the local terminal equipment via this pin, along with RxNib_0 through
RxNib_2. This particular output pin functions as the LSB. The data at this pin is
updated on the rising edge of the RxClk output signal. Hence, the user's local
terminal equipment should sample this signal upon the falling edge of RxClk.
High-Speed HDLC Controller Mode - RxHDLCDat_3:
This output pin along with RxHDLCDat_[7:4] and RxHDLCDat_[2:0] functions
as the Receive HDLC Controller byte wide output data bus. The Receive HDLC
Controller will output the contents of all HDLC frames via this output data bus,
upon the rising edge of the RxHDLCClk output signal. Hence, the user's local
terminal equipment should be designed/configured to sample this data upon the
falling edge of the RxHDLCClk output clock signal.
Other Modes - RxRED:
The Framer/UNI asserts this output pin to denote that one of the following
events has been detected by the Receive DS3/E3 Framer block:
• LOS - Loss of Signal Condition
• OOF - Out of Frame Condition
• AIS - Alarm Indication Signal Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com