Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 47 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 47 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 43Page - Exar Corporation XRT79L71IB Datasheet HTML 44Page - Exar Corporation XRT79L71IB Datasheet HTML 45Page - Exar Corporation XRT79L71IB Datasheet HTML 46Page - Exar Corporation XRT79L71IB Datasheet HTML 47Page - Exar Corporation XRT79L71IB Datasheet HTML 48Page - Exar Corporation XRT79L71IB Datasheet HTML 49Page - Exar Corporation XRT79L71IB Datasheet HTML 50Page - Exar Corporation XRT79L71IB Datasheet HTML 51Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
35
PIN #NAME
TYPE
DESCRIPTION
TRANSMIT LINE SIDE SIGNALS
R15
TxON
I
Transmit Driver ON - Channel n:
This input pin is used to either enable or disable the Transmit Output Driver of the
XRT79L71.
"Low" - Disables the XRT79L71 Transmit Output Driver. In this setting, the TTIP
and TRING output pins will be tri-stated.
"High" - Enables the XRT79L71 Transmit Output Driver. In this setting, the TTIP
and TRING output pins will be enabled.
NOTES:
1.
Whenever the transmitters are turned off , the TTIP and TRING output
pins will be tri-stated.
2.
These pins are internally pulled high.
P16
M16
DS3CLK
E3CLK
I
Transmit Clock Input:
These input pins function as the timing source for the XRT79L71 Transmit Section.
NOTE: The user is expected to supply a 44.736MHz ± 20ppm clock signal (for
DS3 applications) or a 34.368MHz ± 20 ppm clock signal (for E3
applications).
T11
TTIP
O
Transmit Output - Positive Polarity Signal:
This output pin, along with the TRING output pin, function as the Transmit DS3/E3
output signal drivers for the XRT79L71.
The user is expected to connect this signal and the TRING output signal to a 1:1
transformer.
Whenever the Transmit Section of the XRT79L71 generates and transmits a posi-
tive-polarity pulse onto the line, this output pin will be pulsed to a "higher-voltage"
than the TRING output pin.
Conversely, whenever the Transmit Section of the XRT79L71 generates and trans-
mit a negative-polarity pulse onto the line, this output pin will be pulsed to a "lower-
voltage" than the TRING output pin.
NOTE: This output pin will be tri-stated whenever the user sets the TxON input pin
(or bit-field) to "0".
T10
TRING
O
Transmit Output - Negative Polarity Signal:
This output pin along with the TTIP output pin, functions as the Transmit DS3/E3
output signal drivers for the XRT79L71.
The user is expected to connect this signal and the TTIP output signal to a 1:1
transformer.
Whenever the Transmit Section of the XRT79L71 generates and transmits a posi-
tive-polarity pulse onto the line, this output pin will be pulsed to a "lower-voltage"
than the TTIP output pin.
Conversely, whenever the Transmit Section of the XRT79L71 generates and trans-
mit a negative-polarity pulse onto the line, this output pin will be pulsed to a
"higher-voltage" than the TTIP output pin.
NOTE: This output pin will be tri-stated whenever the user sets the TxON input pin
(or bit-field) to "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com