Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 3Page - Exar Corporation XRT79L71IB Datasheet HTML 4Page - Exar Corporation XRT79L71IB Datasheet HTML 5Page - Exar Corporation XRT79L71IB Datasheet HTML 6Page - Exar Corporation XRT79L71IB Datasheet HTML 7Page - Exar Corporation XRT79L71IB Datasheet HTML 8Page - Exar Corporation XRT79L71IB Datasheet HTML 9Page - Exar Corporation XRT79L71IB Datasheet HTML 10Page - Exar Corporation XRT79L71IB Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
4
RXE3 INTERRUPT ENABLE REGISTER # 1 - G.832 (DIRECT ADDRESS = 0X1112) ........................................ 154
RXE3 INTERRUPT ENABLE REGISTER # 2 - G.832 (DIRECT ADDRESS = 0X1113) ........................................ 156
RXE3 INTERRUPT STATUS REGISTER # 1 - G.832 (DIRECT ADDRESS = 0X1114) ........................................ 158
RXE3 INTERRUPT STATUS REGISTER # 2 - G.832 (DIRECT ADDRESS = 0X1115) ........................................ 161
RXE3 LAPD CONTROL REGISTER - G.832 (DIRECT ADDRESS = 0X1118)................................................... 164
RXE3 LAPD STATUS REGISTER - G.832 (DIRECT ADDRESS = 0X1119) ..................................................... 166
RXE3 NR BYTE REGISTER - G.832 (DIRECT ADDRESS = 0X111A) ............................................................. 167
RXE3 GC BYTE REGISTER - G.832 (DIRECT ADDRESS = 0X111B)............................................................. 167
RXE3 TTB-0 REGISTER - G.832 (DIRECT ADDRESS = 0X111C) ................................................................. 168
RXE3 TTB-1 REGISTER - G.832 (DIRECT ADDRESS = 0X111D) ................................................................. 168
RXE3 TTB-2 REGISTER - G.832 (DIRECT ADDRESS = 0X111E) ................................................................. 168
RXE3 TTB-3 REGISTER - G.832 (DIRECT ADDRESS = 0X111F) ................................................................. 169
RXE3 TTB-4 REGISTER - G.832 (DIRECT ADDRESS = 0X1120).................................................................. 169
RXE3 TTB-5 REGISTER - G.832 (DIRECT ADDRESS = 0X1121).................................................................. 169
RXE3 TTB-6 REGISTER - G.832 (DIRECT ADDRESS = 0X1122).................................................................. 170
RXE3 TTB-7 REGISTER - G.832 (DIRECT ADDRESS = 0X1123).................................................................. 170
RXE3 TTB-8 REGISTER - G.832 (DIRECT ADDRESS = 0X1124).................................................................. 170
RXE3 TTB-9 REGISTER - G.832 (DIRECT ADDRESS = 0X1125).................................................................. 171
RXE3 TTB-10 REGISTER - G.832 (DIRECT ADDRESS = 0X1126)................................................................ 171
RXE3 TTB-11 REGISTER - G.832 (DIRECT ADDRESS = 0X1127)................................................................ 171
RXE3 TTB-12 REGISTER - G.832 (DIRECT ADDRESS = 0X1128)................................................................ 172
RXE3 TTB-13 REGISTER - G.832 (DIRECT ADDRESS = 0X1129)................................................................ 172
RXE3 TTB-14 REGISTER - G.832 (DIRECT ADDRESS = 0X112A) ............................................................... 172
RXE3 TTB-15 REGISTER - G.832 (DIRECT ADDRESS = 0X112B) ............................................................... 173
RXE3 SSM REGISTER - G.832 (DIRECT ADDRESS = 0X112C) ................................................................... 173
TRANSMIT DS3 RELATED REGISTERS......................................................................................................... 174
TXDS3 CONFIGURATION REGISTER (DIRECT ADDRESS = 0X1130).............................................................. 174
TXDS3 FEAC CONFIGURATION AND STATUS REGISTER (DIRECT ADDRESS = 0X1131) ............................... 177
TXDS3 FEAC REGISTER (DIRECT ADDRESS = 0X1132)............................................................................. 178
TXDS3 LAPD CONFIGURATION REGISTER (DIRECT ADDRESS = 0X1133) ................................................... 179
TXDS3 LAPD STATUS/INTERRUPT REGISTER (DIRECT ADDRESS = 0X1134) .............................................. 181
TXDS3 M-BIT MASK REGISTER (DIRECT ADDRESS = 0X1135) ................................................................... 182
TXDS3 F-BIT MASK # 1 REGISTER (DIRECT ADDRESS = 0X1136) .............................................................. 183
TXDS3 F-BIT MASK # 2 REGISTER (DIRECT ADDRESS = 0X1137) .............................................................. 186
TXDS3 F-BIT MASK # 3 REGISTER (DIRECT ADDRESS = 0X1138) ............................................................. 191
TXDS3 F-BIT MASK # 4 REGISTER (DIRECT ADDRESS = 0X1139) .............................................................. 196
TRANSMIT DS3 PATTERN REGISTER (DIRECT ADDRESS = 0X114C)............................................................ 201
TRANSMIT E3, ITU-T G.751 RELATED REGISTERS .................................................................................... 203
TXE3 CONFIGURATION REGISTER - G.751 (DIRECT ADDRESS = 0X1130) ................................................... 203
TXE3 LAPD CONFIGURATION REGISTER - G.751 (DIRECT ADDRESS = 0X1133) ......................................... 205
TXE3 LAPD STATUS/INTERRUPT REGISTER - G.751 (DIRECT ADDRESS = 0X1134) ................................... 206
TXE3 SERVICE BITS REGISTER - G.751 (DIRECT ADDRESS = 0X1135) ....................................................... 207
TXE3 FAS ERROR MASK UPPER REGISTER - G.751 (INDIRECT ADDRESS =0XNE, 0X48; DIRECT ADDRESS = 0X1148)
208
TXE3 FAS ERROR MASK LOWER REGISTER - G.751 (INDIRECT ADDRESS =0XNE, 0X49; DIRECT ADDRESS =
0X1149).................................................................................................................................................... 208
TXE3 BIP-4 MASK REGISTER - G.751 (DIRECT ADDRESS = 0X114A)......................................................... 209
TRANSMIT E3, ITU-T G.832 RELATED REGISTERS ..................................................................................... 210
TXE3 CONFIGURATION REGISTER - G.832 (DIRECT ADDRESS = 0X1130) ................................................... 210
TXE3 LAPD CONFIGURATION REGISTER - G.832 (DIRECT ADDRESS = 0X1133) ......................................... 212
TXE3 LAPD STATUS/INTERRUPT REGISTER - G.832 (DIRECT ADDRESS = 0X1134) .................................... 213
TXE3 GC BYTE REGISTER - G.832 (DIRECT ADDRESS = 0X1135).............................................................. 214
TXE3 MA BYTE REGISTER - G.832 (DIRECT ADDRESS = 0X1136).............................................................. 214
TXE3 NR BYTE REGISTER - G.832 (DIRECT ADDRESS = 0X1137).............................................................. 215
TXE3 TTB-0 REGISTER - G.832 (DIRECT ADDRESS = 0X1138) .................................................................. 215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com