Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 26Page - Exar Corporation XRT79L71IB Datasheet HTML 27Page - Exar Corporation XRT79L71IB Datasheet HTML 28Page - Exar Corporation XRT79L71IB Datasheet HTML 29Page - Exar Corporation XRT79L71IB Datasheet HTML 30Page - Exar Corporation XRT79L71IB Datasheet HTML 31Page - Exar Corporation XRT79L71IB Datasheet HTML 32Page - Exar Corporation XRT79L71IB Datasheet HTML 33Page - Exar Corporation XRT79L71IB Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 441 page
background image
XRT79L71
PRELIMINARY
áç
áç
áç
áç
REV. P1.0.3
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
18
A10
TxCellTxed/
TxNibFrame/
ValidFCS
O
Transmit Cell Generator indicator/Transmit Nibble Frame Indicator/Valid
FCS Indicator output:
The function of this output pin depends upon whether the XRT79L71 has been
configured to operate in the ATM Mode, the Clear-Channel Framer Mode or in
the High-Speed HDLC Controller Mode.
ATM Mode - TxCellTxed:
This output pin pulses "High" each time the Transmit Cell Processor transmits a
cell to either the Transmit PLCP Processor or the Transmit DS3/E3 Framer block.
Clear-Channel Framer Mode - TxNibFrame:
This output pin pulses "High" when the last nibble of a given DS3 or E3 frame is
expected at the TxNib[3:0] input pins.
The purpose of this output pin is to alert the local terminal equipment that it
needs to begin the transmission of a new DS3 or E3 frame to the XRT79L71.
NOTE: This output pin is not active if the XRT79L71 is configured to operate in
the Serial-Mode.
High-Speed HDLC Controller Mode - ValidFCS:
The combination of the RxIdle and ValidFCS output signals are used to convey
information about data that is being output via the Receive HDLC Controller out-
put Data bus (RxHDLCDat_[7:0]).
If RxIdle = "High":
The Receive HDLC Controller block with drive this output pin "High" anytime the
flag sequence octet (0x7E) is present on the RxHDLCDat[7:0] output data bus.
If RxIdle and ValidFCS are both "High":
The Receive HDLC Controller block has received a complete HDLC frame, and
has determined that the FCS value within this HDLC frame are valid.
If RxIdle is "High" and ValidFCS is "Low":
The Receive HDLC Controller block has received a complete HDLC frame, and
has determined that the FCS value within this HDLC frame is invalid.
If RxIdle is "High" and ValidFCS is "Low":
The Receive HDLC Controller block has received an ABORT sequence.
M2
TxPERR
I
Transmit Error Indicator from Link Layer:
This input signal is used to indicate that the current packet is ABORTED and
must be discarded. This input pin should only be asserted when the last byte (or
word) is be written onto the TxPData[15:0] input pins.
NOTE: This input pin is only active if the XRT79L71 has been configured to
operate in the PPP Mode.
N1
TxPEOP
I
Transmit POS-PHY Interface - End of Packet:
The link layer processor toggles this output pin "High" whenever the Link Layer
Processor is writing the last byte (or word) of a given Packet into the TxP-
Data[15:0] data bus.
NOTES:
1.
This input pin is only valid when the XRT79L71 is configured to operate
in the PPP Mode.
2.
This input pin is only valid when the Transmit POS-PHY Interface -
Write Enable Input pin (TxPEn) is asserted.
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com