| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 23 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 23 Page - Exar Corporation |
|
23 / 441 page ![]() áç áç áç áç PRELIMINARY XRT79L71 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC REV. P1.0.3 11 B11 TxOHFrame/ TxHDLCClk O Transmit Overhead Framing Pulse/Transmit HDLC Controller Clock Output pin: The function of this output pin depends upon whether or not the XRT79L71 has been configured to operate in the High-Speed HDLC Controller Mode. Non-High-Speed HDLC Controller Mode - TxOHFrame: This output pin pulses high for one TxOHClk period coincident with the instant the Transmit Overhead Data Input Interface would be accepting the first over- head bit within an outbound DS3 or E3 frame. High Speed HDLC Controller Mode - TxHDLCClk: This output pin functions as the demand clock output signal for the Transmit HDLC Controller byte-wide input interface. This clock signal is ultimately derived from either the TxInClk or the RxOutClk signal. Hence, the frequency of this clock signal is nominally one-eight of that of the TxInClk or the RxOutClk signals. The Transmit HDLC Controller block will sample the contents of the Transmit HDLC Controller byte-wide input interface, upon the rising edge of this clock out- put signal. Therefore, the local terminal equipment should be designed to output data onto the TxHDLCDat[7:0] bus upon the falling edge of this clock output sig- nal. A12 TxOHEnable/ TxHDLCDat_7 I/O Transmit Overhead Enable Output indicator/Transmit HDLC Controller Data Bit 7 Input: The function of this input pin depends upon whether or not the XRT79L71 is con- figured to operate in the High Speed HDLC Controller Mode. Non-High Speed HDLC Controller Mode - TxOHEnable: The XRT79L71 will assert this output pin, for one TxInClk period, just prior to the instant that the Transmit Overhead Data Input Interface will be sampling and pro- cessing an overhead bit. If the local terminal equipment intends to insert its own value for an overhead bit, into the outbound DS3 or E3 data stream, then it is expected to sample the state of this signal, upon the falling edge of TxInClk. Upon sampling the TxOHEnable signal "High", the local terminal equipment should; (1) place the desired value of the overhead bit onto the TxOH input pin and (2) assert the TxOHIns input pin. The Transmit Overhead Data Input Interface block will sample and latch the data on the TxOH signal, upon the rising edge of the very next TxInClk input signal. High-Speed HDLC Controller Mode - TxHDLCDat_7: If the XRT79L71 is configured to operate in the High-Speed HDLC Controller mode, then the local terminal equipment will be provided with a byte-wide Trans- mit HDLC Controller byte-wide input interface. This input pin will function as Bit 7 (the MSB) within this byte wide interface. Data, residing on the Transmit HDLC Controller byte wide input interface, will be sampled upon the rising edge of the TxHDLCClk output signal. PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |