Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 80 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 80 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation XRT79L71IB Datasheet HTML 80Page - Exar Corporation XRT79L71IB Datasheet HTML 81Page - Exar Corporation XRT79L71IB Datasheet HTML 82Page - Exar Corporation XRT79L71IB Datasheet HTML 83Page - Exar Corporation XRT79L71IB Datasheet HTML 84Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 441 page
background image
XRT79L71
PRELIMINARY
áç
áç
áç
áç
REV. P1.0.3
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
68
0x1182 - 0x118F
Reserved
0x1190
RxPLCP Configuration & Status Register
R/O & R/
W
0x06
0x1191
RxPLCP Interrupt Enable Register
R/W
0x00
0x1192
RxPLCP Interrupt Status Register
RUR
0x00
0x1193 - 0x1197
Reserved
0x1198
TxPLCP A1 Byte Error Mask Register
R/W
0x00
0x1199
TxPLCP A2 Byte Error Mask Register
R/W
0x00
0x119A
TxPLCP BIP-8 Byte Error Mask Register
R/W
0x00
0x119B
TxPLCP G1 Byte Register
R/W
0x00
0x119C - 0x12FF
Reserved
LIU/JITTER ATTENUATOR CONTROL REGISTERS
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAULT
VALUE
CHANNEL CONTROL REGISTERS
LIU/JITTER ATTENUATOR CONTROL REGISTERS
0x1300
LIU Transmit APS/Redundancy Control Register
R/W
0x00
0x1301
LIU Interrupt Enable Register
R/W
0x00
0x1302
LIU Interrupt Status Register
RUR
0x00
0x1303
LIU Alarm Status Register
R/O
0x00
0x1304
LIU Transmit Control Register
R/W
0x00
0x1305
LIU Receive Control Register
R/W
0x00
0x1306
LIU Channel Control Register
R/W
0x00
0x1307
Jitter Attenuator Control Register
R/W
0x00
0x1308
LIU Receive APS/Redundancy Control Register
R/W
0x00
CLEAR-CHANNEL FRAMER BLOCK REGISTERS
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAULT
VALUE
CHANNEL CONTROL REGISTERS
CLEAR-CHANNEL FRAMER BLOCK REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com