| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 16 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 16 Page - Exar Corporation |
|
16 / 441 page ![]() XRT79L71 PRELIMINARY áç áç áç áç REV. P1.0.3 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC 4 PIN DESCRIPTIONS PIN #NAME TYPE DESCRIPTION MICROPROCESSOR INTERFACE F16 F15 F14 F13 G16 G15 G14 G13 C16 D15 D16 E16 E15 E14 E13 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 I Address Bus Input pins Microprocessor Interface: These pins are used to select the on-chip Framer/UNI registers and RAM space for READ and WRITE Operations with the Microprocessor. D11 C12 B13 A14 D12 C13 B14 A15 D0 D1 D2 D3 D4 D5 D6 D7 I/O Bi-Directional Data Bus pins Microprocessor Interface: These pins are used to drive and receive data over the bi-directional data bus. A16 ALE/AS I Address Latch Enable/Address Strobe: This input pin is used to latch the address present at the Microprocessor Interface Address Bus pins (A[6:0]) into the Framer/UNI Microprocessor Interface block and to indicate the start of a READ or WRITE cycle. This input pin is active-high, in the Intel Mode and active low in the Motorola Mode. D14 CS I Chip Select Input: The user must assert this active low signal in order to select the Microprocessor Interface for READ and WRITE operations between the Microprocessor and the UNI/ Framer on-chip registers and RAM locations. D13 INT O Interrupt Request Output: This open-drain, active-low output signal will be asserted when the Framer/UNI device is requesting interrupt service from the Microprocessor. This output pin should typically be connected to the Interrupt Request input of the Microprocessor. C15 RD/DS/I READ Strobe Intel Mode: If the Microprocessor Interface is operating in the Intel Mode, then this input pin will function as the RD (READ Strobe) input signal from the Microprocessor. Once this active-low signal is asserted, then the Framer/UNI will place the contents of the addressed register within the Framer/UNI IC on the Microprocessor Bi-directional Data Bus (D[7:0]). When this signal is negated, the Data Bus will be tri-stated. Data Strobe Motorola Mode: If the Microprocessor Interface is operating in the Motorola Mode, then this input will function as the DS (Data Strobe) signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |