Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 75 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 75 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 71Page - Exar Corporation XRT79L71IB Datasheet HTML 72Page - Exar Corporation XRT79L71IB Datasheet HTML 73Page - Exar Corporation XRT79L71IB Datasheet HTML 74Page - Exar Corporation XRT79L71IB Datasheet HTML 75Page - Exar Corporation XRT79L71IB Datasheet HTML 76Page - Exar Corporation XRT79L71IB Datasheet HTML 77Page - Exar Corporation XRT79L71IB Datasheet HTML 78Page - Exar Corporation XRT79L71IB Datasheet HTML 79Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
63
REGISTER MAP OF THE XRT79L71
COMMONCONTROL REGISTERS OF THE XRT79L71
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAUL
VALUE
COMMON CONTROL REGISTERS
0x0100
Operation Control Register - Byte 3
R/W
0x00
0x0101
Operation Control Register - Byte 2
R/W
0x00
0x0102
Operation Control Register - Byte 1
R/W
0x00
0x0103
Operation Control Register - Byte 0
R/W
0x00
0x0104
Device ID Register
R/W
?x??
0x0105
Revision ID Register
R/W
?x??
0x0106 - 0x0111
Reserved
0x0112
Operation Block Interrupt Status Register - Byte 1
RO
0x00
0x0113
Operation Block Interrupt Status Register - Byte 0
RO
0x00
0x0114 - 0x0115
Reserved
0x0116
Operation Block Interrupt Enable Register - Byte 1
R/W
0x00
0x0117
Operation Block Interrupt Enable Register - Byte 0
R/W
0x00
0x0118
Reserved
0x0119
Channel Interrupt Indicator - Receive Cell Processor/PPP Processor
Block
R/O
0x00
0x011A - 0x011C
Reserved
0x011D
Channel Interrupt Indicator - LIU/Jitter Attenuator Block
R/O
0x00
0x011E - 0x0120
Reserved
0x0121
Channel Interrupt Indicator - Transmit Cell Processor/PPP Processor
Block
R/O
0x00
0x0122 - 0x0126
Reserved
0x0127
Channel Interrupt Indicator - DS3/E3 Framer Block - Byte 0
R/O
0x00
0x0128 - 0x0146
Reserved
0x0147
Operation General Purpose Input/Output Register
R/W
0x00
0x0148 - 0x014A
Reserved
0x014B
Operation General Purpose Input/Output Direction Register
R/W
0x00
0x014C - 0x04FF
Reserved
0x0501
Receive POS-PHY Control Register - Byte 1
R/W
0x00
0x0502
Receive POS-PHY Control Register - Byte 0
R/W
0x00
0x0503
Receive UTOPIA Control Register
R/W
0x00
0x0504 - 0x0512
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com