Electronic Components Datasheet Search
  English  ▼

X  

XRT79L71IB Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT79L71IB
Description  1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 57Page - Exar Corporation XRT79L71IB Datasheet HTML 58Page - Exar Corporation XRT79L71IB Datasheet HTML 59Page - Exar Corporation XRT79L71IB Datasheet HTML 60Page - Exar Corporation XRT79L71IB Datasheet HTML 61Page - Exar Corporation XRT79L71IB Datasheet HTML 62Page - Exar Corporation XRT79L71IB Datasheet HTML 63Page - Exar Corporation XRT79L71IB Datasheet HTML 64Page - Exar Corporation XRT79L71IB Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 441 page
background image
áç
áç
áç
áç
PRELIMINARY
XRT79L71
1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
REV. P1.0.3
49
TRANSMIT UTOPIA INTERFACE
The purpose of the Transmit UTOPIA Interface block is to function as either a Standard UTOPIA Level 1, 2 or 3
Interface as it accepts ATM cell data from either an ATM Layer or ATM Adaptation Layer Processor, and routes
this ATM cell data to the TxFIFO within the XRT79L71.
FIGURE 12. TIMING DIAGRAM FOR THE TRANSMIT UTOPIA INTERFACE BLOCK
TABLE 10: TIMING INFORMATION FOR THE TRANSMIT UTOPIA INTERFACE BLOCK
SYMBOL
PARAMETER
MIN.TYP
MAX.UNITS
t1
TxUData[15:0] to rising edge of TxUClk Setup Time
4
ns
t2
TxUData[15:0] Hold Time from rising edge of TxUClk
1
ns
t3
TxUTOPIA Write Enable Setup Time to rising edge of TxUClk
4
ns
t4
TxUTOPIA Write Enable Hold Time from rising edge of TxUClk
1
ns
t5
TxUPrty Setup Time to rising edge of TxUClk
4
ns
t6
TxUPrty Hold Time from rising edge of TxUClk
1
ns
t7
TxUSoC Setup Time to rising edge of TxUClk
4
ns
t8
TxUSoC Hold Time from rising edge of TxUClk
1
ns
t9
TxUAddr[4:0] Setup Time to rising edge of TxUClk
4
ns
t10
TxUAddr[4:0] Hold Time from rising edge of TxUClk
1
ns
TxUData[15:0]
TxUEn*
TxUPrty
TxUSoC
TxUClk
t1
t3
t2
t5
t7
t6
t8
t4
TxUClav
t11
t12
VALID DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com