| Electronic Components Datasheet Search |
|
XRT79L71IB Datasheet(PDF) 28 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB Datasheet(HTML) 28 Page - Exar Corporation |
|
28 / 441 page ![]() XRT79L71 PRELIMINARY áç áç áç áç REV. P1.0.3 1 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC 16 C8 TxNib_2/ TxStuff_Ctl/ TxHDLCDat_2 I Transmit Nibble Input Interface - Bit 2/Transmit PLCP Stuff Control Input/ Transmit HDLC Controller Data Bus - Bit 2 Input: The function of this input pin depends upon whether the XRT79L71 is configured to operate in the Clear-Channel Framer Mode, the High-Speed HDLC Controller Mode, or in the ATM/PLCP Mode. Clear-Channel Framer Mode - TxNib_2: If the XRT79L71 is configured to operate in the Nibble-Parallel Mode, then this input pin will function as the bit 1 input to the Transmit Nibble-Parallel input inter- face. The Transmit Payload Data Input Interface block will sample this signal (along with TxNib_0, TxNib_2 and TxNib_3) upon the falling edge of TxNibClk NOTE: This input pin is inactive if the XRT79L71 is configured to operate in the Serial Mode. ATM/PLCP Mode - TxStuff_Ctl: This input pin is used to externally exercise or forego trailer nibble stuffing oppor- tunities by the Transmit PLCP Processor. PLCP trailer nibble stuff opportunities occur in periods of three PLCP frames (375 us). The first PLCP frame (first, within a stuff opportunity period) will have 13 trailer nibbles appended to it. The second PLCP frame (second within a stuff opportunity period will have 14 trailer nibbles appended to it. The third PLCP frame (the location of the stuff opportu- nity) will contain 13 trailer nibbles if this input pin is pulled "Low", and 14 trailer nibbles if this input pin is pulled "High". NOTE: This input pin is inactive if the XRT79L71 is configured to operate in the Direct-Mapped ATM Mode. High-Speed HDLC Controller Mode - TxHDLCDat_2: If the XRT79L71 is configured to operate in the High-Speed HDLC Controller mode, then the local terminal equipment will be provided with a byte-wide Trans- mit HDLC Controller byte-wide input interface. This input pin will function as Bit 1 within this byte wide interface. Data, residing on the Transmit HDLC Controller byte wide input interface, will be sampled upon the rising edge of the TxHDLCClk output signal. PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |