Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 31 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 31 Page - Analog Devices

Back Button LT3752 Datasheet HTML 27Page - Analog Devices LT3752 Datasheet HTML 28Page - Analog Devices LT3752 Datasheet HTML 29Page - Analog Devices LT3752 Datasheet HTML 30Page - Analog Devices LT3752 Datasheet HTML 31Page - Analog Devices LT3752 Datasheet HTML 32Page - Analog Devices LT3752 Datasheet HTML 33Page - Analog Devices LT3752 Datasheet HTML 34Page - Analog Devices LT3752 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
LT3752/LT3752-1
31
Rev. C
For more information www.analog.com
20µs/DIV
IMAG
1A/DIV
SWP
50V/DIV
3752 F14
APPLICATIONS INFORMATION
system input (Figure 17). In an active clamp reset topol-
ogy, volt-second balance requires:
VIN • D = (SWP – VIN) • (1 – D)
where:
VIN = Transformer input supply
D = (VOUT/VIN) • N = switch M1 duty cycle
VOUT = Output voltage (including the voltage drop
contribution of M4 catch diode during M1 off)
N = Transformer turns ratio = NP/NS
SWP = M1 drain voltage
DUTY CYCLE (%)
20
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
50
70
3752 F15
30
40
60
80
LO SIDE ACTIVE CLAMP TOPOLOGY
Figure 15. LO Side VCCL vs Duty Cycle
(Normalized to 50% Duty Cycle)
Figure 14. Active Clamp Reset: Magnetizing Current and M1 Drain Voltage
Figure 13. LO Side Active Clamp Topology
CCL
LLEAK
LLEAK
LMAG
FSW
CSW
• •
VD
D1
R1
C1
M2
M4
M3
M1
SWP
OUT
VIN
–VIN
VOUT
–VOUT
AOUT
LT3752
FG
LTXXXX
CG
3752 F13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com