Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 37 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 37 Page - Analog Devices

Back Button LT3752 Datasheet HTML 33Page - Analog Devices LT3752 Datasheet HTML 34Page - Analog Devices LT3752 Datasheet HTML 35Page - Analog Devices LT3752 Datasheet HTML 36Page - Analog Devices LT3752 Datasheet HTML 37Page - Analog Devices LT3752 Datasheet HTML 38Page - Analog Devices LT3752 Datasheet HTML 39Page - Analog Devices LT3752 Datasheet HTML 40Page - Analog Devices LT3752 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
LT3752/LT3752-1
37
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
SS1: 2.45V to 1.25V (soft-stop fOSC, DVSEC, COMP). This
is the SS1 range for soft-stop folding back of:
(1)fOSCandDVSECfrom100%to22%(50%forLT3752-1)
of their programmed levels.
(2)COMP pin (100% to 0% of commanded peak
current).
SS1 soft-stop fOSC,DVSEC,COMPperiod (2.45Vto1.25V)
= 1.2V • CSS1/10.5µA
SS1 < 1.25V. Forward converter stops switching and SS2
pin is discharged to 0V using 2.8mA.
SS1=1.25Vto0V:WhenSS1fallsbelow0.15Vtheinternal
SS1 latch is reset. If all faults are removed, SS1 begins
charging again. If faults still remain, SS1 discharges to 0V.
SS1 soft-stop non-switching period (1.25V to 0V)
= 1.25V • CSS1/10.5µA
DVSEC rises as system input voltage falls in order to
provide a maximum duty cycle guardrail (volt-second
clamp). When system input falls below it's UVLO thresh-
old, however, this triggers a soft-stop with the converter
continuing to switch. It is important that DVSEC no longer
increases even though system input voltage may still be
falling. The LT3752/LT3752-1 achieve an upper clamp on
DVSEC by clamping the minimum level for the IVSEC pin
to 1.25V. As SS1 pin discharges during soft-stop it folds
back DVSEC. As DVSEC falls below the natural duty cycle
of the converter, the converter loop follows DVSEC. If the
system input voltage rises (IVSEC pin rises) during soft-
stop the volt-second clamp circuit further reduces DVSEC.
The I.C. chooses the lowest DVSEC commanded by either
the IVSEC pin or the SS1 soft-stop function.
Hard-Stop (SS1, SS2)
Switching immediately stops and both SS1 and SS2 pins
are rapidly discharged (Figure 18. Hard-Stop) if any of the
following faults occur (typical values):
(1) UVLO_VSEC < 0.4V: Micropower shutdown
(2) OVLO > 1.250V: System input OVLO
(3) HFB < 0.92V: Housekeeping supply UVLO
(4) OC > 96mV: Over current condition
(5) INTVCC < X(UVLO), > 16.5V (OVLO)
(6) TJ > 170°C: Thermal shutdown
(7) VIN < Y: VIN pin UVLO
(X = 4.6V, Y = 5.5V for LT3752)
(X = 6.8V, Y = 7.6V for LT3752-1)
Switching stops immediately for any of the faults listed
above. When SS1 discharges below 0.15V it begins charg-
ing again if all faults have been removed. For an over cur-
rent fault triggered by OC > 96mV, the disable of switching
will cause the OC pin voltage to fall back below 96mV.
This will allow SS1 and SS2 to recharge and eventually
attempt switching again. If the over current condition still
exists, OC pin will exceed 96mV again and the discharge/
charge cycle of SS1 and SS2 will repeat in a hiccup mode.
The non-switching dead time period during hiccup mode
reduces the average power seen by the converter in an
over current fault condition. The dead time is dominated
by SS1 recharging from 0.15V to 1.25V.
Non-switching period in over current (hiccup mode):
= 1.1V • CSS1/11.5µA
OUT, AOUT, SOUT Pulse-Skipping Mode
During load steps, initial soft-start, end of soft-stop or
light load operation (if the forward converter is designed
to operate in DCM), the loop may require pulse skipping on
the OUT pin. This occurs when the COMP pin falls below
its switching threshold. If the COMP pin falls below it's
switching threshold while OUT is turned on, the LT3752/
LT3752-1 will immediately turn OUT off ; both AOUT and
SOUTwillcompletetheirnormalsignaltimingsreferenced
from the OUT falling edge. If the COMP pin remains below
it's switching threshold at the start of the next switching
cycle, the LT3752/LT3752-1 will skip the next OUT pulse
and therefore also skip AOUT and SOUT pulses. For AOUT
control, this prevents the active clamp capacitor from be-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com