Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 22 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT3752 Datasheet HTML 18Page - Analog Devices LT3752 Datasheet HTML 19Page - Analog Devices LT3752 Datasheet HTML 20Page - Analog Devices LT3752 Datasheet HTML 21Page - Analog Devices LT3752 Datasheet HTML 22Page - Analog Devices LT3752 Datasheet HTML 23Page - Analog Devices LT3752 Datasheet HTML 24Page - Analog Devices LT3752 Datasheet HTML 25Page - Analog Devices LT3752 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
LT3752/LT3752-1
22
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 6. Programming Overvoltage Lockout (OVLO)
LT3752-1 Micropower Start-Up from High System
Input Voltages
The LT3752-1 starts up from system input voltage levels
limited only by external components (Figure 7). The low
start-up current of the LT3752-1 allows a large start-up
resistor (RSTART) to be connected from system input volt-
age (VS) to the VIN pin.
Whensysteminputvoltageisapplied,thestart-upcapacitor
(CSTART) begins charging at the VIN pin. Once the VIN pin
exceeds 9.5V (and UVLO_VSEC>1.25V)thehousekeeping
controller will start to switch and VIN supply current will
begin to discharge CSTART. The CSTART capacitor value
should be chosen high enough to prevent the VIN pin
from falling below 7.6V before the housekeeping supply
can provide a bootstrap bias to the VIN pin. The LT3752-1
start-up architecture minimizes the value of CSTART by
activating only the house keeping controller for provid-
ing drive back to the VIN pin. The forward controller only
operates once the housekeeping supply is established. (If
a bootstrap diode is used from the housekeeping supply
back to INTVCC, this only uses current from system input
and not from the VIN pin).
1.250V
3752 F07
RSTART
VIN
16V
8mA
GND
CSTART
SYSTEM
INPUT (VS)
LT3752-1
VHK (HOUSEKEEPING SUPPLY OUTPUT)
Figure 7. Micropower Start-Up from High System Input
The start-up capacitor can be calculated as:
CSTART(MIN) = IHKEEP +IDRIVE
(
)(MAX),•
tHSS(MAX)
VDROOP(MIN)
where:
IHKEEP = Housekeeping IQ (not switching)
IDRIVE = (fOSC/2.13) • QG)
fOSC = full-scale controller switching frequency
QG = gate charge (VGS = VIN)(HOUT MOSFET)
tHSS = housekeeping output voltage soft-start time
VDROOP = 16V(clamp) – VIN(OFF) or VIN(ONOFFHYST)
The start-up resistor can be calculated as:
RSTART(MAX) =
VS(MAX) – VIN(ON)(MAX)
ISTART(MAX) •k
where:
VS(MAX) = Maximum system input voltage
VIN(ON)(MAX) = Maximum VIN pin turn on threshold
ISTART(MAX) = Maximum VIN IQ for part start-up
k > 1.0 reduces RSTART and VIN charge-up time
1.250V(+)
1.215V(–)
3752 F06
R1
R2
OVLO
OVLO
TO
UVLO_VSEC
PIN
R3
SYSTEM
INPUT (VS)
LT3752/LT3752-1
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com