Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3752 Datasheet HTML 11Page - Analog Devices LT3752 Datasheet HTML 12Page - Analog Devices LT3752 Datasheet HTML 13Page - Analog Devices LT3752 Datasheet HTML 14Page - Analog Devices LT3752 Datasheet HTML 15Page - Analog Devices LT3752 Datasheet HTML 16Page - Analog Devices LT3752 Datasheet HTML 17Page - Analog Devices LT3752 Datasheet HTML 18Page - Analog Devices LT3752 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
LT3752/LT3752-1
15
Rev. C
For more information www.analog.com
BLOCK DIAGRAM
PART
SYSTEM INPUT MAX
VIN PIN MAX
VIN ON/OFF
INTVCC
UVLO(+)/(REG)
AOUT PHASING
LT3752
100V
100V
5.8V/5.5V
4.75V/7V
for External PMOS
LT3752-1
Limited Only by
External Components
16V, 8mA
(Internal VIN Clamp)
9.5V/7.6V
7V/10V
for External NMOS
1.25V
+
–
+
–
1.25V (+)
1.215V (–)
EN_SS1
UVLO_VSEC
EN
PGOOD
HISLP
OUT
0.4V
5µA
0.9mA
SS1 > 1.25V
HARD STOP
VIN_ON
VIN_OFF
VIN
SOFT STOP
SS1 < 150mV
20µA (1 SHOT)
UVLO_VSEC
9
HFB
1.0V
1.25V
1
HCOMP
HOUSEKEEPING CONTROLLER
HISENSE
79mV
CLAMP
2
36
HOUT
34
VIN
OVLO
10
IVSEC
8
SYNC
100k
6
RT
3
SS2
17
SS1
FB
7
4
COMP
5
TAO
11
TAS
12
TOS
13
TBLNK GND
(+ EXPOSED
PAD PIN 39)
(+ EXPOSED
PAD PIN 39)
14
18
PGND (19, 38)
+
–
1.25V
REF
+
–
HSS
HISLP
HICCUP
98mV
±0.7A
±0.4A
±0.4A
±2A
1.25V
+
–
R
OSC
FOLD
BACK
ISLP
1.25V
150mV
HARD STOP
SOFT
START
SS2
1.25V
SS1
EN_SS1
(0
→220)mV
SOFT
STOP
SS1 > 2.2V
VSEC
CLAMP
TIMING
LOGIC
S
Q
S
R
Q
S
Q
SS1 < 1.25V
TJ > 170°C
INTVCC_OV
INTVCC_UV
R
+
–
+
–
+
–
28
INTVCC
26
AOUT
OFF
ON
96mV
OFF
FG
CG
ON
ACTIVE CLAMP CONTROL
SYNCHRONOUS CONTROL
MAIN SWITCH
32
SOUT
30
OUT
24
OC
22
ISENSEP
21
ISENSEN
3752 BD
20
EA
BLANK
ISLP
HICCUP
(INVERT LEVEL FOR LT3752-1)
CONTROL
R
S
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com