Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 34 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 34 Page - Analog Devices

Back Button LT3752 Datasheet HTML 30Page - Analog Devices LT3752 Datasheet HTML 31Page - Analog Devices LT3752 Datasheet HTML 32Page - Analog Devices LT3752 Datasheet HTML 33Page - Analog Devices LT3752 Datasheet HTML 34Page - Analog Devices LT3752 Datasheet HTML 35Page - Analog Devices LT3752 Datasheet HTML 36Page - Analog Devices LT3752 Datasheet HTML 37Page - Analog Devices LT3752 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
LT3752/LT3752-1
34
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
AnotherfactortoconsideristheresonancebetweenCCLand
themagnetizinginductance(LMAG)ofthemaintransformer.
An RC snubber (RS, CS) in parallel with CCL will dampen
the sinusoidal ringing and limit the peak voltages at the
primary side MOSFET drain during input/load transients.
Check circuit performance to determine if the snubber
is required. Component values can be approximated as:
CCL (active clamp capacitance) =
10
LMAG
•
(1– DMIN)
2 • π • fOSC
⎛
⎝⎜
⎞
⎠⎟
2
where,
DMIN = (VOUT/VIN(MAX)) • NP/NS
and (if needed),
CS (snubber capacitance) = 6 • CCL
RS (snubber resistance) = (1/(1-DMAX)) • √(LMAG/CCL)
where,
DMAX = ( VOUT/VIN(MIN)) • NP/NS
Check the voltage ripple on SWP during steady-state
operation.
CCL voltage ripple can be estimated as:
VCCL(RIPPLE) = VCCL • (1-D)2/(8 • CCL • LMAG • fOSC2)
where,
D = (VOUT/VIN) • (NP/NS)
VCCL = VIN/(1-D) (Lo side active clamp topology)
VCCL = D • VIN/(1-D) (Hi side active clamp topology)
Example : For VIN = 36V, VOUT = 12V, NP/NS = 2, VCCL =
108V (Lo side active clamp topology), CCL = 22nF, LMAG
= 100µH, fOSC = 250kHz, VCCL(RIPPLE) = 108(0.33)2/(8(22
• 10–9)(10–4)(2.5 • 104)2) = 10.7V
Thetransformeristypicallychosentooperateatamaximum
flux density that is low enough to avoid excessive core
losses. This also allows enough headroom during input
and load transients to move the active clamp capacitor at
a fast enough rate to keep up with duty cycle changes.
Active Clamp MOSFET Selection
The selection of active clamp MOSFET is determined by
the maximum levels expected for the drain voltage and
drain current. The active clamp switch (M2) in a either a lo
side or hi side active clamp topology has the same BVdss
requirements as the main N-channel power MOSFET. The
current requirements are divided into two categories :
(A) Drain Current
This is typically less than the main N-channel power
MOSFET because the active clamp MOSFET sees only
magnetizing current, estimated as :
Peak IMAG (steady state) = (1/2) • (NP/NS) • (VOUT/
LMAG) • (1/fOSC)
where,
LMAG = main transformer’s magnetizing inductance
Example (LT3752) : For VOUT =12V, NP/NS = 2, fOSC =
250kHz and LMAG = 100µH, Peak IMAG = 0.48A.
This value should be doubled for safety margin due to
variations in LMAG, fOSC and transient conditions.
(B) Body Diode Current
The body diode will see reflected output current as a pulse
every time the main N-channel power MOSFET turns off.
This is due to residual energy stored in the transformer's
leakage inductance. The body diode of the active clamp
MOSFET should be rated to withstand a forward pulsed
current of:
ID(MAX) = (NS/NP) (IOUT(MAX) + (IL(RIPPLE)(P-P)/2))
where,
IL(RIPPLE)(P-P) = output inductor ripple current = (VOUT/
(LOUT • fOSC)) • (1–(VOUT/VIN)(NP/NS))
IOUT(MAX) = maximum output load current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com