Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 41 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 41 Page - Analog Devices

Back Button LT3752 Datasheet HTML 37Page - Analog Devices LT3752 Datasheet HTML 38Page - Analog Devices LT3752 Datasheet HTML 39Page - Analog Devices LT3752 Datasheet HTML 40Page - Analog Devices LT3752 Datasheet HTML 41Page - Analog Devices LT3752 Datasheet HTML 42Page - Analog Devices LT3752 Datasheet HTML 43Page - Analog Devices LT3752 Datasheet HTML 44Page - Analog Devices LT3752 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
LT3752/LT3752-1
41
Rev. C
For more information www.analog.com
Typically choose CSYNC between 220pF and 1nF. RSYNC
should then be chosen to obey :
(1) SOUTMAX/100mA ≤ RSYNC ≤ √(LMAG/CSYNC)
where,
SOUTMAX = INTVCC
LMAG = TSYNC’S magnetizing inductance
100mA = SOUT gate driver minimum source current
and
(2) RSYNC • CSYNC ≥ (–1) • Y/(ln (Z/SOUTMAX))
where,
Y = SYNC minimum pulse duration (50ns; LT8311)
Z = |SYNC level to achieve Y| (±2V: LT8311)
Even though the LT3752/LT3752-1 INTVCC pin is allowed
to be over driven by as much as 15.4V using the house-
keeping supply, SOUTMAX level should be designed to not
cause TSYNC output to exceed the maximum ratings of the
LT8311’s SYNC pin.
Cost/Space reduction : If discontinuous conduction mode
(DCM) operation is acceptable at light load, the LT8311
has a preactive mode which controls the synchronous
MOSFETs without TSYNC, CSYNC, RSYNC or the LT3752/
LT3752-1 timing resistors RTAS, RTOS (leave open).
Output Inductor Value
The choice of output inductor value LOUT will depend on
the amount of allowable ripple current. The inductor ripple
current is given by:
IL(RIPPLE)(P-P)
= ∆IL = (VOUT/(LOUT • fOSC)) • (1 – (VOUT/VIN)(NP/NS))
TheLT3752/LT3752-1allowverylarge∆ILvalues(lowLOUT
values) without the worry of insufficient slope compensa-
tion—by allowing slope compensation to be programmed
with an external resistor in series with the ISENSEP pin (see
CurrentSensingandProgrammableSlopeCompensation).
Larger∆ILwillallowlowerLOUT,reducingcomponentsize,
but will also cause higher output voltage ripple and core
losses. For LT3752/LT3752-1 applications, ∆IL is typically
chosen to be 40% of IOUT(MAX).
Output Capacitor Selection
The choice of output capacitor value is dependent on
output voltage ripple requirements given by :
∆VOUT ≈ ∆IL(ESR + (1/(8 • fOSC • COUT))
where,
∆IL = output inductor ripple current IL(RIPPLE)(P-P)
ESR = effective series resistance (of COUT)
fOSC = switching frequency
COUT = output capacitance
This gives:
COUT = ∆IL/(8 • fOSC • ( ∆VOUT – ∆IL • ESR))
TypicallyCOUTismadeupofalowESRceramiccapacitor(s)
to minimize ∆VOUT. Additional bulk capacitance is added
in the form of electrolytic capacitors to minimize output
voltage excursions during load steps.
Input Capacitor Selection
The active clamp forward converter demands pulses of
current from the input due to primary winding current and
magnetizing current. The input capacitor is required to
provide high frequency filtering to achieve an input voltage
as close as possible to a pure DC source with low ripple
voltage. For low impedance input sources and medium to
low voltage input levels, a simple ceramic capacitor with
low ESR should suffice. It should be rated to operate at a
worst case RMS input current of :
ICIN(RMS) = (NS/NP) IOUT(MAX)/2
Figure 19. SOUT Pulse Transformer
3752 F19
CSYNC
220pF
RSYNC
560
SYNC
(SECONDARY SIDE
CONTROLLER)
TSYNC
SOUT
(LT3752/LT3752-1)
2
1
3
5
6
4
•
•
•
•
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com