Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 33 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT3752 Datasheet HTML 29Page - Analog Devices LT3752 Datasheet HTML 30Page - Analog Devices LT3752 Datasheet HTML 31Page - Analog Devices LT3752 Datasheet HTML 32Page - Analog Devices LT3752 Datasheet HTML 33Page - Analog Devices LT3752 Datasheet HTML 34Page - Analog Devices LT3752 Datasheet HTML 35Page - Analog Devices LT3752 Datasheet HTML 36Page - Analog Devices LT3752 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
LT3752/LT3752-1
33
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
moment the active clamp capacitor is passively switched
in to ground (due to the forward conduction of M2 body
diode) and the drain voltage increases at a slower rate
due to the loading of CCL. SWP above VIN causes IMAG
to reduce from a positive value towards zero (dVSWP/dT
= 0). As IMAG becomes negative it begins to discharge
the SWP node. Switching in M2 before IMAG reverses,
actively connects the bottom plate of CCL to ground and
allows SWP to be discharged slowly. The resulting SWP
waveform during M1 off-time appears as a square wave
with a superimposed sinusoidal peak representing ripple
voltage on CCL.
The switch M2 experiences near zero voltage switching
(ZVS) since only the body diode voltage drop appears
across it at switch turn on.
HI Side Active Clamp Topology (LT3752-1)
For high input voltage applications the VDS rating of avail-
able P-channel MOSFETs might not be high enough to
be used as the active clamp switch in the LO side active
clamp topology (Figure 13). An N-channel approach using
the HI side active clamp topology (Figure 17) should be
used. This topology requires a gate drive transformer or
a simple gate drive opto-coupler to drive the N-channel
MOSFET (M2) for switching in the active clamp capacitor
from SWP to VIN. The M1 drain voltage calculation is the
same as in the LO side active clamp case and M1 should
be rated in a similar manner. The voltage across the clamp
capacitor in the HI side architecture, however, is lower by
VIN since it is referenced to VIN.
The steady-state active clamp capacitor voltage VCCL to
reset the transformer in a HI side active clamp topology
can be approximated by:
VCCL (HI side):
(a) Steady state: VCCL = VRESET = VDS – VIN
=
D
1– D
 • VIN = VIN • VOUT •
N
VIN – VOUT •N
(
)
(b) Transient:
During load transients, duty cycle and hence VCCL may
increase. Replace D with DVSEC in the equation above to
calculate transient VCCL values. DVSEC guardrail can be
programmedascloseas6%higherthanDbutmayrequire
a larger margin to improve transient response. See the
previous section Programming Duty Cycle Clamp–DVSEC.
CCL should be rated for a voltage higher than the above
steady-state calculation due to tolerances in duty cycle,
load transients, voltage ripple on CCL and the effect of
voltage coefficient on capacitance value. A typical choice
for CCL is a good quality (X7R) capacitor. When using a
gate drive transformer to provide control of the active
clamp switch (M2), the external components C1, C2, R1,
D1 and T4 are required. T4 size will increase for lower
programmed switching frequencies due to a minimum
volt-secondrequirement.Alternatively,asimplegatedriver
opto-coupler can be used as a switch to control M2, for a
smallersolutionsize.Theinputsupplycapacitorforthegate
drive opto-coupler is easily charged using the housekeep-
ing supply of the LT3752-1. Common component values
are shown in the Typical Applications section.
Active Clamp Capacitor Value and Voltage Ripple
The active clamp capacitor value should be chosen based
on the amount of voltage ripple which can be tolerated
by components attached to SWP. Lower CCL values will
create larger voltage ripple (increased drain voltage for the
primary side power MOSFET) but will require less swing
in magnetizing current to move the active clamp capacitor
during duty cycle changes. Choosing too high a value for
the active clamp capacitor (beyond what is needed to keep
ripple voltage to an acceptable level) will require unneces-
sary additional flux swing during transient conditions. For
systems with flux swing detection, too high a value for the
active clamp capacitor will trigger the detection system
early and degrade transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com