Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 27 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 27 Page - Analog Devices

Back Button LT3752 Datasheet HTML 23Page - Analog Devices LT3752 Datasheet HTML 24Page - Analog Devices LT3752 Datasheet HTML 25Page - Analog Devices LT3752 Datasheet HTML 26Page - Analog Devices LT3752 Datasheet HTML 27Page - Analog Devices LT3752 Datasheet HTML 28Page - Analog Devices LT3752 Datasheet HTML 29Page - Analog Devices LT3752 Datasheet HTML 30Page - Analog Devices LT3752 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
LT3752/LT3752-1
27
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
application. Simple integer turns ratios can be used which
allowoff-the-shelftransformers(seeexamplecircuitsinthe
Typical Applications section). Turns ratios can be chosen
on the basis of desired duty cycle. However, the input and
output levels, turns ratio and flyback leakage spike must
be considered for the breakdown rating of the MOSFET.
Transformer leakage inductance causes a voltage spike to
occur after the switch turns off. In some cases a snubber
circuit will be required to limit this spike.
Housekeeping: Operating Without This Supply
The housekeeping supply is highly recommended for
providing local bias voltages for both the primary and
secondary sides (to improve efficiency, simplify the main
transformer design and ensure all ICs are activated even
for VOUT = 0V). The LT3752 (not LT3752-1) housekeeping
supply components can be omitted (not populated) if an
extra winding already exists from the main transformer
to create an auxiliary supply. Care must be taken that the
auxiliary supply (for either the primary side or secondary
side or both) does not affect proper operation. A resistor
divider (Figure 8) should now be connected directly from
INTVCC to supply the HFB pin with a ratio :
R1/R2 = 3
(Example : R1 = 10k, R2 = 3.32k).
This ratio ensures HFB >> 0.96V (typical PGOOD level to
enable SS1 and the forward converter).
(a) At INTVCC = 4.75V (UVLO(+)), HFB = 1.2V.
(b) At INTVCC = 7V (Regulated), HFB = 1.7V.
(c) At INTVCC = 8V (Overdriven), HFB = 2V.
Care should be taken not to exceed HFB = 3V.
FORWARD CONTROLLER
The LT3752/LT3752-1 are primary side, current mode,
PWM controllers optimized for use in a synchronous
forward converter with active clamp reset. Each IC can
be used in a fully regulated forward converter application.
In addition, they can still operate if damage occurs to
the feedback path—no secondary side error amplifier or
opto-coupler—by using an accurate, programmable volt-
secondclamptoregulatedutycycleinverselyproportional
to transformer input voltage.
Adaptive Leading Edge Blanking Plus Programmable
Extended Blanking
The LT3752/LT3752-1 provide a ±2A gate driver at the
OUT pin to control an external N-channel MOSFET for
main power delivery in the forward converter (Figure 10).
During gate rise time and sometime thereafter, noise can
be generated in the current sensing resistor connected
to the source of the MOSFET. This noise can potentially
cause a false trip of sensing comparators resulting in
early switch turn off and in some cases re-soft-start of
the system. To prevent this, LT3752/LT3752-1 provide
adaptive leading edge blanking of both OC and ISENSEP
signals to allow a wide range of MOSFET QG ratings. In
addition, a resistor RTBLNK connected from TBLNK pin to
analog ground (Pin 18) programs an extended blanking
duration (Figure 9).
Figure 9. Adaptive Leading Edge Blanking Plus
Programmable Extended Blanking
(ADAPTIVE)
LEADING
EDGE
BLANKING
(PROGRAMMABLE)
EXTENDED
BLANKING
7.32k ≤ RTBLNK ≤ 249k
tBLNK = 50ns + (2.2ns • RTBLNK)
CURRENT
SENSE
DELAY
220ns
k
3752 F09
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com