Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 42 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 42 Page - Analog Devices

Back Button LT3752 Datasheet HTML 38Page - Analog Devices LT3752 Datasheet HTML 39Page - Analog Devices LT3752 Datasheet HTML 40Page - Analog Devices LT3752 Datasheet HTML 41Page - Analog Devices LT3752 Datasheet HTML 42Page - Analog Devices LT3752 Datasheet HTML 43Page - Analog Devices LT3752 Datasheet HTML 44Page - Analog Devices LT3752 Datasheet HTML 45Page - Analog Devices LT3752 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
LT3752/LT3752-1
42
Rev. C
For more information www.analog.com
A small 1µF bypass capacitor should also be placed close
to the IC between VIN and GND.
Asinputvoltagelevelsincrease,anyuseofbulkcapacitance
to minimize input ripple can impact on solution size and
cost. In addition, inputs with higher source impedance will
cause an increase in voltage ripple. In these applications it
is recommended to include an LC input filter. The output
impedance of the input filter should remain below the
negative input impedance of the DC/DC forward converter.
PCB Layout / Thermal Guidelines
For proper operation, PCB layout must be given special
attention. Critical programming signals must be able to
co-exist with high dv/dt signals. Compact layout can be
achieved but not at the cost of poor thermal management.
The following guidelines should be followed to approach
optimal performance.
1. Ensure that a local bypass capacitor is used (and placed
as close as possible) between VIN and GND for the
controller IC(s).
2. The critical programming resistors for timing (pins
TAO,TAS,TOS,TBLNK,IVSECandRT)mustuseshorttraces
to each pin. Each resistor should also use a short trace
toconnecttoasinglegroundbusspecificallyconnected
to pin 18 of the IC (GND).
3.Thecurrentsenseresistorfortheforwardconvertermust
use short Kelvin connections to the ISENSEPandISENSEN
pins. The current sense resistor for the housekeeping
supply should have it’s ground connection as close as
possible to the power ground (PGND) pin 38.
4. High dv/dt lines should be kept away from all timing
resistors, current sense inputs, HCOMP/COMP pins,
UVLO_VSEC/OVLO pins and both HFB and FB feedback
traces.
5. Gate driver traces (HOUT, AOUT, SOUT, OUT) should be
kept as short as possible.
6. When working with high power components, multiple
parallel components are the best method for spread-
ing out power dissipation and minimizing temperature
rise. In particular, multiple copper layers connected
by vias should be used to sink heat away from each
power MOSFET.
7. Keep high switching current PGND paths away from
signal ground. Also minimize trace lengths for those
high current switching paths to minimize parasitic
inductance.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com