Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 4 Page - Analog Devices

  LT3752 Datasheet HTML 1Page - Analog Devices LT3752 Datasheet HTML 2Page - Analog Devices LT3752 Datasheet HTML 3Page - Analog Devices LT3752 Datasheet HTML 4Page - Analog Devices LT3752 Datasheet HTML 5Page - Analog Devices LT3752 Datasheet HTML 6Page - Analog Devices LT3752 Datasheet HTML 7Page - Analog Devices LT3752 Datasheet HTML 8Page - Analog Devices LT3752 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
LT3752/LT3752-1
4
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, UVLO_VSEC = 2.5V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operational Input Voltage (LT3752)
l
6.5
100
V
Operational Input Voltage (LT3752-1)
l
10.5
16
V
VIN(ON) (LT3752)
l
5.8
6.4
V
VIN(OFF) (LT3752)
5.5
5.9
V
VIN(ON/OFF) Hysteresis (LT3752)
l
0.1
0.3
0.5
V
VIN(ON) (LT3752-1)
l
9.5
10.4
V
VIN(OFF) (LT3752-1)
7.6
V
VIN(ON/OFF) Hysteresis (LT3752-1)
l
1.61
1.9
2.19
V
VIN Start-Up Current (LT3752-1)
(Notes 6, 7)
l
170
265
µA
VIN Quiescent Current (Housekeeping Controller
Only) (LT3752)
HCOMP = 1V (Housekeeping Not Switching),
HFB = 0.85V
l
4
6.2
mA
VIN Quiescent Current (Housekeeping Controller
Only) (LT3752-1)
HCOMP = 1V (Housekeeping Not Switching),
HFB = 0.85V
l
3
4.6
mA
VIN Quiescent Current (Housekeeping Controller +
Forward Controller)
HCOMP = 1V (Housekeeping Not Switching),
HFB = 1.35V, FB = 1.5V (Main Loop Not Switching)
7.5
9.5
mA
UVLO_VSEC Micropower Threshold (VSD)
IVIN < 20µA
l
0.2
0.4
0.6
V
VIN Shutdown Current (Micropower)
UVLO_VSEC = 0.2V
20
40
µA
UVLO_VSEC Threshold (VSYS_UV)
l
1.180
1.250
1.320
V
VIN Shutdown Current (After Soft-Stop)
UVLO_VSEC = 1V
165
220
µA
UVLO_VSEC (ON) Current
UVLO_VSEC = VSYS_UV + 50mV
0
µA
UVLO_VSEC (OFF) Current
Hysteresis Current
With One-Shot Communication Current
UVLO_VSEC = VSYS_UV – 50mV
(Note 15)
l
4.0
5
25
6.0
µA
µA
OVLO (Rising) (No Switching, Reset SS1)
l
1.220
1.250
1.280
V
OVLO (Falling) (Restart SS1)
1.215
V
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS**
LT3752EFE#WPBF
LT3752EFE#WTRPBF
LT3752FE
38-Lead Plastic TSSOP
–40°C to 125°C
LT3752IFE#WPBF
LT3752IFE#WTRPBF
LT3752FE
38-Lead Plastic TSSOP
–40°C to 125°C
LT3752HFE#WPBF
LT3752HFE#WTRPBF
LT3752FE
38-Lead Plastic TSSOP
–40°C to 150°C
LT3752EFE-1#WPBF
LT3752EFE-1#WTRPBF
LT3752FE-1
38-Lead Plastic TSSOP
–40°C to 125°C
LT3752IFE-1#WPBF
LT3752IFE-1#WTRPBF
LT3752FE-1
38-Lead Plastic TSSOP
–40°C to 125°C
LT3752HFE-1#WPBF
LT3752HFE-1#WTRPBF
LT3752FE-1
38-Lead Plastic TSSOP
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com