Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 24 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT3752 Datasheet HTML 20Page - Analog Devices LT3752 Datasheet HTML 21Page - Analog Devices LT3752 Datasheet HTML 22Page - Analog Devices LT3752 Datasheet HTML 23Page - Analog Devices LT3752 Datasheet HTML 24Page - Analog Devices LT3752 Datasheet HTML 25Page - Analog Devices LT3752 Datasheet HTML 26Page - Analog Devices LT3752 Datasheet HTML 27Page - Analog Devices LT3752 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
LT3752/LT3752-1
24
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
The part injection locks the internal oscillator to every ris-
ing edge of the SYNC pin. If the SYNC input is removed
at any time during normal operation the part will simply
changeswitchingfrequencybacktotheoscillatorfrequency
programmed by the RTresistor.Thisinjectionlockmethod
avoids the possible issues from a PLL method which can
potentially cause a large drop in frequency if SYNC input
is removed.
During soft-start the SYNC input is ignored until SS1 ex-
ceeds 2.2V. During soft-stop the SYNC input is completely
ignored. If the SYNC input is to be used, recall that the
programmabledutycycleclampDVSECisdependentonthe
switching frequency of the part (see section Programming
Duty Cycle Clamp). RIVSEC should be reprogrammed by
1/x for an fSYNC/fOSC ratio of x.
INTVCC Regulator Bypassing and Operation
The INTVCC pin is the output of an internal linear regula-
tor driven from VIN and provides the supply for onboard
gate drivers. The LT3752 INTVCC provides a regulated 7V
supply for gate drivers AOUT, SOUT, OUT and HOUT. The
LT3752-1 INTVCCprovidesaregulated10Vsupplyforgate
drivers AOUT, SOUT and OUT. INTVCC should be bypassed
with a 4.7µF low ESR, X7R or X5R ceramic capacitor to
power ground to ensure stability and to provide enough
charge for the gate drivers.
The INTVCC regulator has a minimum 35mA output cur-
rent limit. This current limit should be considered when
choosingtheswitchingfrequencyandcapacitanceloading
on each gate driver. Average current load on the INTVCC
pin for a single gate driver driving an external MOSFET
is given as :
IINTVCC = fOSC • QG
where:
fOSC = controller switching frequency
QG = gate charge (VGS = INTVCC)
While the INTVCC 50mA output current limit is sufficient
for LT3752/LT3752-1 applications, efficiency and internal
power dissipation should also be considered. INTVCC can
be externally overdriven by the housekeeping supply to
improve efficiency, remove power dissipation from within
the IC and provide more than 35mA output current ca-
pability. Any overdrive level should exceed the regulated
INTVCC level but not exceed 16V.
In the case of a short-circuit fault from INTVCC to ground,
each IC reduces the INTVCCoutputcurrentlimittotypically
23mA. The INTVCC regulator has an undervoltage lockout
rising threshold, UVLO(+), which prevents gate driver
switching until INTVCC reaches 4.75V (7V for LT3752-1)
andmaintainsswitchinguntilINTVCCfallsbelowaUVLO(–)
threshold of 4.6V (6.8V for LT3752-1).
For VIN levels close to or below the INTVCC regulated level,
the INTVCC linear regulator may enter dropout. The result-
ing lower INTVCC level will still allow gate driver switching
as long as INTVCC remains above INTVCC UVLO(–) levels.
See the Typical Performance Characteristics section for
INTVCC performance vs VIN and load current.
HOUSEKEEPING CONTROLLER
The LT3752/LT3752-1 include an internal constant fre-
quency, current mode, PWM controller for creating a
housekeepingsupply(seetheBlockDiagramandFigure 8).
Connected as a flyback converter with multiple outputs,
the housekeeping supply is able to efficiently provide bias
to both primary and secondary ICs. It eliminates the need
to generate bias supplies from auxiliary windings in the
main forward transformer, reducing the complexity, size
and cost of the transformer.
Figure 8. Housekeeping Supply
VIN
VIN
INTVCC
VAUX*
INTVCC
VHK
•
•
LTC3752/LT3752-1
INTVCC
HCOMP
HOUT
HISENSE
GND
HFB
RHISLP
R1
R2
RHSENSE
*OPTIONAL ISOLATED SUPPLY FOR SECONDARY SIDE
3752 F08
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com