Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 38 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 38 Page - Analog Devices

Back Button LT3752 Datasheet HTML 34Page - Analog Devices LT3752 Datasheet HTML 35Page - Analog Devices LT3752 Datasheet HTML 36Page - Analog Devices LT3752 Datasheet HTML 37Page - Analog Devices LT3752 Datasheet HTML 38Page - Analog Devices LT3752 Datasheet HTML 39Page - Analog Devices LT3752 Datasheet HTML 40Page - Analog Devices LT3752 Datasheet HTML 41Page - Analog Devices LT3752 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
LT3752/LT3752-1
38
Rev. C
For more information www.analog.com
ing accidentally discharged during missing OUT pulses
and/or causing reverse saturation of the transformer.
For SOUT control, this prevents the secondary side syn-
chronous rectifier controller from incorrectly switching
between forward FET and synchronous FET conduction.
The LT3752/LT3752-1 correctly re-establish the required
AOUT, SOUT control signals if the OUT signal is required
for the next cycle.
AOUT Timeout
During converter start-up in soft-start, the switching fre-
quency and maximum duty cycle clamp DVSEC are both
folded back. While this correctly reduces the effective
minimum on time of the OUT pin (to allow control of induc-
tor current for very low output voltages during start-up),
this means the AOUT pin on time duration can be large.
In order to ensure the active clamp switch controlled by
AOUTdoesnotstayontoolong,theLT3752/LT3752-1have
an internal 15µs timeout to turn off the AOUT signal. This
prevents the active clamp capacitor from being connected
across the transformer primary winding long enough to
create reverse saturation.
Main Transformer Selection
The LT3752/LT3752-1 simplify the design of the main
transformer and output inductor by removing the need for
any auxiliary windings. Any bootstrap supplies required
for the primary side or bias supplies required for the
secondary side can all be provided by the housekeeping
DC/DC controller included in the LT3752/LT3752-1. (see
Housekeeping Controller in the Applications Information
Section).
APPLICATIONS INFORMATION
Figure 18. SS1, SS2 and COMP Pin Voltages During Faults, Soft-Start and Soft-Stop
COMP
RANGE
2.6V
2.6V
0V
0V
1.25V
0.15V
0.25V
COMP 1.25V
SWITCHING THRESHOLD
SS2 SOFT STARTS
COMP
0V
1V
COMP
SS2
SS1
2.6V
HARD
STOP
SOFT-START
(WHEN ALL CONDITIONS SATISFIED)
(1) UVLO_VSEC > 1.25V
(2) OVLO < 1.215V
(3) HFB > 0.96V
(4) OC < 96mV
(5) X < INTVCC < 16V
(6) TJ < 165°C
(7) VIN > Y
(X = 4.75V, Y = 5.8V: LT3752)
(Y = 7.0V, Y = 9.5V: LT3752-1)
SOFT-STOP
(0.4V < UVLO_VSEC < 1.25)
(1) EXTERNAL SOFT-STOP SHUTDOWN
(2) SYSTEM INPUT UVLO
HARD STOP
(FAULTS)
(1) UVLO_VSEC < 0.4V
(2) OVLO > 1.25V
(3) HFB < 0.92V
(4) OC > 96mV
(5) INTVCC < X, > 16.5V
(6) TJ > 170°C
(7) VIN < Y
(X = 4.6V, Y = 5.5V: LT3752)
(X = 6.8V, Y = 7.6V: LT3752-1)
3752 F18
SS1 SOFT STOPS
fOSC, DVSEC AND COMP
SS1 SOFT STARTS
fOSC AND DVSEC
SS1 LATCH
RESET THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com