Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 1 Page - Analog Devices

  LT3752 Datasheet HTML 1Page - Analog Devices LT3752 Datasheet HTML 2Page - Analog Devices LT3752 Datasheet HTML 3Page - Analog Devices LT3752 Datasheet HTML 4Page - Analog Devices LT3752 Datasheet HTML 5Page - Analog Devices LT3752 Datasheet HTML 6Page - Analog Devices LT3752 Datasheet HTML 7Page - Analog Devices LT3752 Datasheet HTML 8Page - Analog Devices LT3752 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
LT3752/LT3752-1
1
Rev. C
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Active Clamp Synchronous
Forward Controllers with Internal
Housekeeping Controller
TheLT®3752/LT3752-1arecurrentmodePWMcontrollers
optimized for an active clamp forward converter topology.
ADC/DChousekeepingcontrollerisincludedforimproved
efficiency and performance. The LT3752 allows operation
up to 100V input and the LT3752-1 is optimized for ap-
plications with input voltages greater than 100V.
Aprogrammablevolt-secondclampallowsprimaryswitch
duty cycles above 50% for high switch, transformer and
rectifier utilization. Active clamp control reduces switch
voltage stress and increases efficiency. A synchronous
output is available for controlling secondary side syn-
chronous rectification.
The LT3752/LT3752-1 are available in a 38-lead plastic
TSSOP package with missing pins for high voltage
spacings.
18V to 72V, 12V/12.5A, 150W Active Clamp Isolated Forward Converter
APPLICATIONS
n
Input Voltage Range: LT3752: 6.5V to 100V,
LT3752-1:Limited Only by External Components
n
Internal Housekeeping DC/DC Controller
n
Programmable Volt-Second Clamp
n
High Efficiency Control: Active Clamp,
Synchronous Rectification, Programmable Delays
n
Short-Circuit (Hiccup Mode) Overcurrent Protection
n
Programmable Soft-Start/Stop
n
Programmable OVLO and UVLO with Hysteresis
n
Programmable Frequency (100kHz to 500kHz)
n
Synchronizable to an External Clock
n
AEC-Q100 Qualified for Automotive Applications
n
Offline and HV Car Battery Isolated Power Supplies
n
48V Telecommunication Isolated Power Supplies
n
Industrial, Automotive and Military Systems
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including XXXXX, XXXXX.
49.9k
22.6k
1.82k
7.32k
34k
71.5k
31.6k
100k
100k
2.8k
10k
560
3.16k
100k
VAUX
VAUX
SYNC
VIN
GND
FB
LT8311
PGOOD
2k
0.006
10k
0.15
499
2.2µF
2.2µF
INTVCC
VAUX
ZVN4525E6
100
1.1k
1.2k
2.2nF
EFFICIENCY: 94% AT 48VIN/10AOUT
0.33µF
22nF
22nF
4.7µF
2.2µF
22µF
16V
×2
VOUT
12V
12.5A
470µF
16V
4.7µF
220nF
3752 TA01
68pF
4.7nF
220pF
1µF
INTVCC
INTVCC
SOUT
ISENSEN
ISENSEP
OUT
VIN
AOUT
HISENSE
HOUT
OC
5.9k
100k
UVLO_VSEC
LT3752
SYNC
100nF
15nF
Si2325DS
4:4
BSC077N12NS3
FDMS86101
BSC077N12NS3
499k
13.7k
6.8µH
100k
11.3k
100
100
+
•
•
•
•
•
•
•
4.7µF
100V
×3
VIN
18V TO 72V
GND
OVLO
HFB
68pF
Document Feedback


Similar Part No. - LT3752

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
Active Clamp Forward Converter with Synchronous Rectification
LT3752 LINER-LT3752 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
LT3752-1 LINER-LT3752-1 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
LT3752-1 LINER-LT3752-1_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
LT3752 LINER-LT3752_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
More results

Similar Description - LT3752

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Linear Technology
LTC3765 LINER-LTC3765_15 Datasheet
272Kb / 24P
Active Clamp Forward Controller and Gate Driver
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
Active Clamp Synchronous Forward Controller
LT3752 LINER-LT3752_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
LT3752-1 LINER-LT3752-1_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
Active Clamp Forward Converter with Synchronous Rectification
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
Active Clamp Forward PWM Controller
logo
Analog Devices
ADP1074 AD-ADP1074 Datasheet
400Kb / 32P
Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
6/2020-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com