Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 14 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3752 Datasheet HTML 10Page - Analog Devices LT3752 Datasheet HTML 11Page - Analog Devices LT3752 Datasheet HTML 12Page - Analog Devices LT3752 Datasheet HTML 13Page - Analog Devices LT3752 Datasheet HTML 14Page - Analog Devices LT3752 Datasheet HTML 15Page - Analog Devices LT3752 Datasheet HTML 16Page - Analog Devices LT3752 Datasheet HTML 17Page - Analog Devices LT3752 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
LT3752/LT3752-1
14
Rev. C
For more information www.analog.com
PGND (Pins 19, 38, 39): The Power Grounds for the IC.
The package has an exposed pad (Pin 39) underneath the
IC which is the best path for heat out of the package. Pin 39
should be soldered to a continuous copper ground plane
under the device to reduce die temperature and increase
the power capability of the LT3752/LT3752-1.
ISENSEN (Pin 20): Negative input for the current sense
comparator. Kelvin connect to the sense resistor in the
source of the power MOSFET.
ISENSEP (Pin 21): Positive input for the current sense
comparator. Kelvin connect to the sense resistor in the
source of the power MOSFET. A resistor in series with
ISENSEP programs slope compensation.
OC (Pin 22): An accurate 96mV threshold, independent
of duty cycle, for detection of primary side MOSFET over-
current and trigger of hiccup mode. Connect directly to
sense resistor in the source of the primary side MOSFET.
Missing Pins 23, 25, 27, 29, 31, 33, 35: Pins removed
for high voltage spacings and improved reliability.
OUT (Pin 24): Drives the gate of an N-channel MOSFET
between0VandINTVCC.Activepull-offexistsinshutdown.
INTVCC (Pin 26): A linear regulator supply generated from
VIN. LT3752 supplies 7V for AOUT, SOUT, OUT and HOUT
gate drivers. LT3752-1 supplies 10V for AOUT,SOUT, and
OUT gate drivers (HOUT supplied from VIN). INTVCC must
be bypassed with a 4.7µF capacitor to power ground. Can
beexternallydrivenbythehousekeepingsupplytoremove
power from within the IC.
VIN (Pin 28): Input Supply Pin. Bypass with 1µF to ground.
SOUT (Pin 30): Sync signal for secondary side synchro-
nous rectifier controller.
AOUT (Pin 32): Control signal for external active clamp
switch. (P-channel LT3752, N-channel LT3752-1).
HOUT (Pin 34): Drives the gate of an N-channel MOSFET
used for the housekeeping supply. Active pull-off exists
in shutdown.
HISENSE (Pin 36): Current sense input for the house keep-
ing supply. Connect to sense resistor in the source of the
power MOSFET. A resistor in series with HISENSEprograms
slope compensation.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com