Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3752 Datasheet HTML 15Page - Analog Devices LT3752 Datasheet HTML 16Page - Analog Devices LT3752 Datasheet HTML 17Page - Analog Devices LT3752 Datasheet HTML 18Page - Analog Devices LT3752 Datasheet HTML 19Page - Analog Devices LT3752 Datasheet HTML 20Page - Analog Devices LT3752 Datasheet HTML 21Page - Analog Devices LT3752 Datasheet HTML 22Page - Analog Devices LT3752 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
LT3752/LT3752-1
19
Rev. C
For more information www.analog.com
OPERATION
Introduction
The LT3752/LT3752-1 are primary side, current mode,
PWM controllers optimized for use in a synchronous
forward converter with active clamp reset. Combined with
an integrated housekeeping controller, each IC provides
a compact, versatile, and highly efficient solution. The
LT3752 allows VIN pin operation between 6.5V and 100V.
For applications with system input voltages greater than
100V, the LT3752-1 allows RC start-up from input voltage
levels limited only by external components. The LT3752
and LT3752-1 based forward converters are targeted for
power levels up to 400W and are not intended for battery
chargerapplications.Forhigherpowerlevelstheconverter
outputs can be stacked in series. Connecting UVLO_VSEC
pins, OVLO pins, SS1 pins and SS2 pins together allows
blocks to react simultaneously to all fault modes and
conditions.
Each IC contains an accurate programmable volt-second
clamp. When set above the natural duty cycle of the con-
verter, it provides a duty cycle guardrail to limit primary
switch reset voltage and prevent transformer saturation
during load transients. The accuracy and excellent line
regulation of the volt-second clamp provides VOUT regu-
lation for open-loop conditions such as no opto-coupler,
reference or error amplifier on the secondary side.
For applications not requiring isolation but requiring high
step-down ratios, each IC contains a voltage error ampli-
fier to allow a very simple nonisolated, fully regulated
synchronous forward converter.
The integrated housekeeping controller reduces the com-
plexity and size of the main power transformer by avoid-
ing the need for extra windings to create bias supplies.
Secondary side ICs no longer require start-up circuitry
and can operate even when output voltage is 0V.
A range of protection features include programmable
overcurrent (OC) hiccup mode, programmable system
input undervoltage lockout (UVLO), programmable
system input overvoltage lockout (OVLO) and built-in
thermal shutdown. Programmable slope compensation
and switching frequency allow the use of a wide range of
output inductor values and transformer sizes.
LT3752 Part Start-Up
LT3752 start-up is best described by referring to the Block
Diagram and to the start-up waveforms in Figure 3. For
part start-up, system input voltage must be high enough
to drive the UVLO_VSEC pin above 1.25V and the VIN pin
must be greater than 6.5V. An internal linear regulator is
activated and provides a 7V INTVCC supply for all gate
drivers. The housekeeping controller starts up before the
forward controller. An internal soft-start (HSS) ramps
the housekeeping HCOMP pin to allow switching at the
gate driver output HOUT to drive an external N-channel
MOSFET. The housekeeping controller output voltage
VHK is regulated when the HFB pin reaches 1.0V. VHK can
be used to override INTVCC to reduce power in the part,
increase efficiency and to optimize the INTVCC level. Dur-
ing start-up the housekeeping controller switches at the
programmed switching frequency (fOSC) folded back by
1/4.6. The SS1 pin of the forward controller is allowed to
start charging when VHK reaches 96% of its target value
(PGOOD). When SS1 reaches 1.25V, the SS2 pin begins
to charge, controlling COMP pin rise and the soft-start of
output inductor peak current. The SS1 pin independently
soft starts switching frequency and a volt-second clamp.
As SS1 charges towards 2.6V the switching frequencies
of both controllers remain equal, synchronized and soft
started towards full-scale fOSC.
If secondary side control already exists for soft starting
the converter output voltage then the SS2 pin can still be
used to control initial inductor peak current rise. Simply
programming the primary side SS2 soft-start faster than
the secondary side allows the secondary side to take over.
If SS2 is not needed for soft-start control, its pull-down
strength and voltage rating also allow it to drive the input
of an opto-coupler connected to INTVCC. This allows
the option of communicating to the secondary side that
switching has begun.
LT3752-1 Part Start-Up
TheLT3752-1start-upofhousekeepingsupplyandforward
converter are similar to the LT3752 except for a small
change in architecture and VINpinlevel.LT3752-1start-up
is best described by referring to the Block Diagram and to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com