Electronic Components Datasheet Search
  English  ▼

X  

LT3752 Datasheet(PDF) 30 Page - Analog Devices

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3752 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT3752 Datasheet HTML 26Page - Analog Devices LT3752 Datasheet HTML 27Page - Analog Devices LT3752 Datasheet HTML 28Page - Analog Devices LT3752 Datasheet HTML 29Page - Analog Devices LT3752 Datasheet HTML 30Page - Analog Devices LT3752 Datasheet HTML 31Page - Analog Devices LT3752 Datasheet HTML 32Page - Analog Devices LT3752 Datasheet HTML 33Page - Analog Devices LT3752 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
LT3752/LT3752-1
30
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
cally 0.75 but may be further limited by the transformer
design and voltage ratings of components connected to
the drain of the primary side power MOSFET (SWP). See
voltage calculations in the LO side and HI side active clamp
topologies sections.
If system input voltage falls below it's UVLO threshold
the part will enter soft-stop with continued switching.
The LT3752/LT3752-1 include an intelligent circuit which
prevents DVSEC from continuing to rise as system input
voltagefalls(seeSoft-Stop).Withoutthis,toolargeaDVSEC
would require extremely high reset voltages on the SWP
node to properly reset the transformer. The UVLO_VSEC
pin maximum operational level is the lesser of VIN – 2V
or 12.5V.
The LT3752/LT3752-1 volt-second clamp architecture
is superior to an external RC network connected from
system input to trip an internal comparator threshold.
The RC method suffers from external capacitor error, part-
to-part mismatch between the RC time constant and the
IC’s switching period, the error of the internal comparator
threshold and the nonlinearity of charging at low input
voltages. The LT3752/LT3752-1 use the RIVSEC resistor to
define the charge current for an internal timer capacitor to
set an OUT pin maximum on-time, tON(VSEC). The voltage
across RIVSEC follows UVLO_VSEC pin voltage (divided
down from system input voltage). Hence, RIVSEC current
varies linearly with input supply. The LT3752/LT3752-1
also trim out internal timing capacitor and comparator
thresholderrorstooptimizepart-to-partmatchingbetween
tON(VSEC) and T.
DVSEC Open Loop Control: No Opto-Coupler, Error
Amplifier or Reference
The accuracy of the programmable volt-second clamp
(DVSEC) safely controls VOUT if open loop conditions exist
suchasnoopto-coupler,erroramplifierorreferenceonthe
secondary side. DVSECcontrolstheoutputoftheconverter
by controlling duty cycle inversely proportional to system
input. If DVSEC duty cycle guardrail is programmed X%
above natural duty cycle, VOUT will only increase by X%
if a closed loop system breaks open. This volt-second
clamp is operational over a 10:1 system input voltage
range. See DVSEC versus UVLO_VSEC pin voltage in the
Typical Performance Characteristics section.
RIVSEC: Open Pin Detection Provides Safety
The LT3752/LT3752-1 provide an open-detection safety
feature for the RIVSEC pin. If the RIVSEC resistor goes
open circuit the part immediately stops switching. This
prevents the part from running without the volt-second
clamp in place.
Transformer Reset: Active Clamp Technique
The LT3752/LT3752-1 include a ±0.4A gate driver at the
AOUT pin to allow the use of an active clamp transformer
reset technique (Figures 13, 17). The active clamp method
improves efficiency and reduces voltage stress on the
main power switch, M1. By switching in the active clamp
capacitor only when needed, the capacitor does not lose
its charge during M1 on-time. By allowing the active clamp
capacitor, CCL, to store the average voltage required to
reset the transformer, the main power switch sees lower
drain voltage.
An imbalance of volt-seconds will cause magnetizing cur-
rent to walk upwards or downwards until the active clamp
capacitor is charged to the optimal voltage for proper
transformer reset. The voltage rating of the capacitor will
depend on whether the active clamp capacitor is actively
switched to ground (Figure 13) or actively switched to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com