Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 134 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 134 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 130Page - Dallas Semiconductor DS3172 Datasheet HTML 131Page - Dallas Semiconductor DS3172 Datasheet HTML 132Page - Dallas Semiconductor DS3172 Datasheet HTML 133Page - Dallas Semiconductor DS3172 Datasheet HTML 134Page - Dallas Semiconductor DS3172 Datasheet HTML 135Page - Dallas Semiconductor DS3172 Datasheet HTML 136Page - Dallas Semiconductor DS3172 Datasheet HTML 137Page - Dallas Semiconductor DS3172 Datasheet HTML 138Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
134 of 232
Register Name:
GL.SRIE
Register Description:
Global Status Register Interrupt Enable
Register Address:
018h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
ONESIE
CLOLIE
GPMSIE
Default
0
0
0
0
0
0
0
0
Bit 2: One Second Interrupt Enable (ONESIE) This bit will drive the interrupt pin low when this bit is enabled the
GL.SRL.ONESL bit is set, and the GL.ISRIE.GSRIE bit is enabled.
0 = interrupt disabled
1 = interrupt enabled
Bit 1: CLAD Loss Of Lock Interrupt Enable (CLOLIE) The interrupt pin will be driven when this bit is enabled, the
GL.SRL.CLOLL is set, and GL.ISRIE.GSRIE bit is enabled.
0 = interrupt disabled
1 = interrupt enabled
Bit 0: Global Performance Monitoring Update Status Interrupt Enable (GPMSIE) The interrupt pin will be
driven when this bit is enabled and the GL.SRL.GPMSL bit is set and the GL.ISRIE.GSRIE bit is enabled.
0 = interrupt disabled
1 = interrupt enabled
Register Name:
GL.GIORR
Register Description:
Global General-Purpose IO Read Register
Register Address:
01Ch
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
Bits 7 to 0: General-Purpose IO Status [8:1]] (GPIO[8:1] ) These bits reflect the input or output signal on the 8
general-purpose IO pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com