Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 133 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 133 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 129Page - Dallas Semiconductor DS3172 Datasheet HTML 130Page - Dallas Semiconductor DS3172 Datasheet HTML 131Page - Dallas Semiconductor DS3172 Datasheet HTML 132Page - Dallas Semiconductor DS3172 Datasheet HTML 133Page - Dallas Semiconductor DS3172 Datasheet HTML 134Page - Dallas Semiconductor DS3172 Datasheet HTML 135Page - Dallas Semiconductor DS3172 Datasheet HTML 136Page - Dallas Semiconductor DS3172 Datasheet HTML 137Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
133 of 232
Register Name:
GL.SR
Register Description:
Global Status Register
Register Address:
014h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
--
CLOL
GPMS
Bit 1 : CLAD Loss of Lock (CLOL) – This bit is set when any of the PLLs in the CLAD are not locked to the
reference frequency.
Bit 0: Global Performance Monitoring Update Status (GPMS) This bit is set when all of the port performance
register update status bits (PORT.SR.PMS), that are enabled for global update control (PORT.CR1.PMUM=1), are
set. It is an “AND” of all the globally enabled port PMU status bits. In global software update mode, the global
update request bit (GL.CR1.GPMU) should be held high until this status bit goes high.
0 = The associated update request signal is low or not all register updates are completed
1 = The requested performance register updates are all completed
Register Name:
GL.SRL
Register Description:
Global Status Register Latched
Register Address:
016h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
8KREFL
CLADL
ONESL
CLOLL
GPMSL
Bit 4: 8K Reference Activity Status Latched (8KREFL) This bit will be set when the 8 kHz reference signal on
the GPIO4 pin is active. The GL.CR2.G8KIS bit must be set for the activity to be monitored.
Bit 3: CLAD Reference Clock Activity Status Latched (CLADL) This bit will be set when the CLAD PLL
reference clock signal on the CLKA pin is active.
Bit 2: One Second Status Latched (ONESL) This bit will be set once a second. The GL.ISR.GSR status bit will
be set when this bit is set and the GL.SRIE.ONESIE bit is enabled. The
INT pin will be driven low if this bit is set
and the GL.SRIE.ONESIE bit and the GL.ISRIE.GSRIE bit are enabled.
Bit 1: CLAD Loss Of Lock Latched (CLOLL) This bit will be set when the GL.SR.CLOL status bit changes from
low to high. The GL.ISR.GSR bit will be set when this bit is set and the GL.SRIE.CLOLIE bit is set and the
INT pin
will be driven low if the GL.ISRIE.GSRIE bit is also enabled.
Bit 0: Global Performance Monitoring Update Status Latched (GPMSL) This bit will be set when the
GL.SR.GPMS status bit changes from low to high. This bit will set the GL.ISR.GSR status bit if the
GL.SRIE.GPMSIE is enabled. This bit will drive the interrupt pin low if the GL.SRIE.GPMSIE bit and the
GL.ISRIE.GSRIE bit are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com