Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 136 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 136 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 132Page - Dallas Semiconductor DS3172 Datasheet HTML 133Page - Dallas Semiconductor DS3172 Datasheet HTML 134Page - Dallas Semiconductor DS3172 Datasheet HTML 135Page - Dallas Semiconductor DS3172 Datasheet HTML 136Page - Dallas Semiconductor DS3172 Datasheet HTML 137Page - Dallas Semiconductor DS3172 Datasheet HTML 138Page - Dallas Semiconductor DS3172 Datasheet HTML 139Page - Dallas Semiconductor DS3172 Datasheet HTML 140Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
136 of 232
Register Name:
PORT.CR1
Register Description:
Port Control Register 1
Register Address:
(0,2,4,6)40h
Bit #
15
14
13
12
11
10
9
8
Name
RESERVED
PAIS2
PAIS1
PAIS0
LAIS1
LAIS0
BENA
RESERVED
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
TMEI
MEIM
--
PMUM
PMU
PD
RSTDP
RST
Default
0
0
--
0
0
1
1
0
Bits 14 to 12: Payload AIS Select [2:0] (PAIS[2:0]). This bit controls when an unframed all ones signal is forced
on the receive data path after the receive framer and payload loopback mux. Default: Payload AIS always sent.
PAIS[2:0]
PORT.CR1
When AIS is sent
AIS Code
000
Always
UA1
001
When LLB (no DLB) active
UA1
010
When PLB active
UA1
011
When LLB(no DLB) or PLB active
UA1
100
When LOS (no DLB) active
UA1
101
When OOF active
UA1
110
When OOF, LOS. LLB (no DLB), or
PLB active
UA1
111
Never
none
Bits 11 to 10: Line AIS Select [1:0] (LAIS[1:0). These bits control when a DS3 framed AIS or an unframed all
ones signal is to be transmitted on TPOSn/TNEGn and/or TXPn/TXNn. The signal on TPOSn/TNEGn can be AMI
or unipolar. This signal is sent even when in diagnostic loopback and always over-rides signals from the framers.
Default: AIS sent if DLB is enabled.
LAIS[1:0]
PORT.CR1
Frame Mode
Description
AIS Code
00
DS3
Automatic AIS when DLB is enabled
(PORT.CR4.LBM = 1XX)
DS3AIS
00
E3
Automatic AIS when DLB is enabled
UA1
01
Any
Send UA1
UA1
10
DS3
Send AIS
DS3AIS
10
E3
Send AIS
UA1
11
Any
Disable
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com