Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 140 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 140 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 136Page - Dallas Semiconductor DS3172 Datasheet HTML 137Page - Dallas Semiconductor DS3172 Datasheet HTML 138Page - Dallas Semiconductor DS3172 Datasheet HTML 139Page - Dallas Semiconductor DS3172 Datasheet HTML 140Page - Dallas Semiconductor DS3172 Datasheet HTML 141Page - Dallas Semiconductor DS3172 Datasheet HTML 142Page - Dallas Semiconductor DS3172 Datasheet HTML 143Page - Dallas Semiconductor DS3172 Datasheet HTML 144Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
140 of 232
Bit 4: LOOP Time Enable (LOOPT). When this bit is set, the port is in loop time mode. The transmit clock is set to
the receive clock from the RLCLKn pin or the recovered clock from the LIU or the CLAD clock and the TCLKIn pin
is not used. This function of this bit is conditional on other control bits. See Table 10-4 for more details.
0 = Normal transmit clock operation
1 = Transmit using the receive clock
Bit 3: CLAD Transmit Clock Source Control (CLADC). This bit is used to enable the CLAD clocks as the source
of the internal transmit clock. This function of this bit is conditional on other control bits. See Table 10-4 for more
details.
0 = Use CLAD clocks for the transmit clock as appropriate
1 = Do not use CLAD clocks for the transmit clock – (if no loopback is enabled, TCLKIn is the source)
Bit 2: Receive Framer IO Signal Timing Select (RFTS). This bit controls the timing reference for the signals on
the receive framer interface IO pins. The pins controlled are RSERn, RSOFOn / RDENn. See Table 10-8 for more
details.
0 = Use output clocks for timing reference
1 = Use input clocks for timing reference
Bit 1: Transmit Framer IO Signal Timing Select (TFTS). This bit controls the timing reference for the signals on
the transmit framer interface IO pins. The pins controlled are TSOFIn, TSERn, and TSOFOn / TDENn. See Table
10-7 for more details.
0 = Use output clocks for timing reference
1 = Use input clocks for timing reference
Bit 0: Transmit Line IO Signal Timing Select (TLTS). This bit controls the timing reference for the signals on the
transmit line interface IO pins. The pins controlled are TPOSn / TDATn and TNEGn. See Table 10-6 for more
details.
0 = Use output clocks for timing reference
1 = Use input clocks for timing reference
Register Name:
PORT.CR4
Register Description:
Port Control Register 4
Register Address:
(0,2,4,6)46h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
RESERVED
LBM2
LBM1
LBM0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
GPIOB3
GPIOB2
GPIOB1
GPIOB0
GPIOA3
GPIOA2
GPIOA1
GPIOA0
Default
0
0
0
0
0
0
0
0
Bits 10 to 8: Loopback Mode [2:0] (LBM[2:0]). These bits select the loopback modes for analog loopback (ALB),
line loopback (LLB), payload loopback (PLB) and diagnostic loopback (DLB). See Table 10-17 for the loopback
select codes. Default: No Loopback.
LBM[2:0]
ALB
LLB
PLB
DLB
000
0
0
0
0
001
1
0
0
0
010
0
1
0
0
011
0
0
1
0
10X
0
0
0
1
110
0
1
0
1
111
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com