Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 142 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 142 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 138Page - Dallas Semiconductor DS3172 Datasheet HTML 139Page - Dallas Semiconductor DS3172 Datasheet HTML 140Page - Dallas Semiconductor DS3172 Datasheet HTML 141Page - Dallas Semiconductor DS3172 Datasheet HTML 142Page - Dallas Semiconductor DS3172 Datasheet HTML 143Page - Dallas Semiconductor DS3172 Datasheet HTML 144Page - Dallas Semiconductor DS3172 Datasheet HTML 145Page - Dallas Semiconductor DS3172 Datasheet HTML 146Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
142 of 232
Register Name:
PORT.INV1
Register Description:
Port IO Invert Control Register 1
Register Address:
(0,2,4,6)4Ah
Bit #
15
14
13
12
11
10
9
8
Name
RESERVED
RESERVED
--
TSOFOI
RESERVED
TSERI
TOHSI
TOHEI
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
TOHI
TOHCKI
TSOFII
TNEGI
TDATI
TLCKI
TCKOI
TCKII
Default
0
0
0
0
0
0
0
0
Bit 12 : TSOFOn / TDENn/ Invert (TSOFOI). This bit inverts the TSOFOn / TDENn pin when set.
Bit 10 : TSERn Invert (TSERI). This bit inverts the TSERn pin when set.
Bit 9 : TOHSOFn Invert (TOHSI). This bit inverts the TOHSOFn pin when set.
Bit 8 : TOHENn Invert (TOHEI). This bit inverts the TOHENn pin when set.
Bit 7 : TOHn Invert (TOHI). This bit inverts the TOHn pin when set.
Bit 6 : TOHCLKn Invert (TOHCKI). This bit inverts the TOHCLKn pin when set.
Bit 5 : TSOFIn Invert (TSOFII). This bit inverts the TSOFIn pin when set.
Bit 4 : TNEGn Invert (TNEGI). This bit inverts the TNEGn pin when set.
Bit 3 : TDATn Invert (TDATI). This bit inverts the TDATn pin when set.
Bit 2 : TLCLKn Invert (TLCKI). This bit inverts the TLCLKn pin when set.
Bit 1 : TCLKOn / TGCLKn Invert (TCKOI). This bit inverts the TCLKOn / TGCLKn pin when set.
Bit 0 : TCLKIn Invert (TCKII). This bit inverts the TCLKIn pin when set.
Register Name:
PORT.INV2
Register Description:
Port IO Invert Control Register 2
Register Address:
(0,2,4,6)4Ch
Bit #
15
14
13
12
11
10
9
8
Name
--
RESERVED
RESERVED
RSOFOI
--
RSERI
ROHSI
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
ROHI
ROHCKI
--
RNEGI
RPOSI
RLCKI
RCLKOI
--
Default
0
0
0
0
0
0
0
0
Bit 12 : RSOFOn / RDENn Invert (RSOFOI). This bit inverts the RSOFOn / RDENn pin when set.
Bit 10 : RSERn Invert (RSERI). This bit inverts the RSERn pin when set.
Bit 9 : ROHSOFn Invert (ROHSI). This bit inverts the ROHSOFn pin when set.
Bit 7 : ROHn Invert (ROHI). This bit inverts the ROHn pin when set.
Bit 6 : ROHCLKn Invert (ROHCKI). This bit inverts the ROHCLKn pin when set.
Bit 4 : RNEGn / RLCVn Invert (RNEGI). This bit inverts the RNEGn / RLCVn when set.
Bit 3 : RPOSn / RDATn Invert (RPOSI). This bit inverts the RPOSn / RDATn pin when set.
Bit 2 : RLCLKn Invert (RLCKI). This bit inverts the RLCLKn pin when set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com