Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 145 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 145 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 141Page - Dallas Semiconductor DS3172 Datasheet HTML 142Page - Dallas Semiconductor DS3172 Datasheet HTML 143Page - Dallas Semiconductor DS3172 Datasheet HTML 144Page - Dallas Semiconductor DS3172 Datasheet HTML 145Page - Dallas Semiconductor DS3172 Datasheet HTML 146Page - Dallas Semiconductor DS3172 Datasheet HTML 147Page - Dallas Semiconductor DS3172 Datasheet HTML 148Page - Dallas Semiconductor DS3172 Datasheet HTML 149Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
145 of 232
Register Name:
PORT.SRIE
Register Description:
Port Status Register Interrupt Enable
Register Address:
(0,2,4,6)56h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
TDMIE
RLOLIE
PMSIE
Default
0
0
0
0
0
0
0
0
Bit 2: Transmit Driver Monitor Latched Status Interrupt Enable (TDMIE) The interrupt pin will be driven when
this bit is enabled and the PORT.SRL.TDML bit is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this
port is enabled.
Bit 1: Receive Loss Of Lock Latched Status Interrupt Enable (RLOLIE) The interrupt pin will be driven when
this bit is enabled and the PORT.SRL.RLOLL bit is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this
port is enabled.
Bit 0: Performance Monitoring Update Latched Status Interrupt Enable (PMSIE) The interrupt pin will be
driven when this bit is enabled and the PORT.SRL.PMSL bit is set and the bit in GL.ISRIE.PSRIE[4:1] that
corresponds to this port is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com