Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 146 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 146 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 142Page - Dallas Semiconductor DS3172 Datasheet HTML 143Page - Dallas Semiconductor DS3172 Datasheet HTML 144Page - Dallas Semiconductor DS3172 Datasheet HTML 145Page - Dallas Semiconductor DS3172 Datasheet HTML 146Page - Dallas Semiconductor DS3172 Datasheet HTML 147Page - Dallas Semiconductor DS3172 Datasheet HTML 148Page - Dallas Semiconductor DS3172 Datasheet HTML 149Page - Dallas Semiconductor DS3172 Datasheet HTML 150Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
146 of 232
12.4 BERT
12.4.1 BERT Register Map
The BERT utilizes twelve registers.
Note: The BERT Registers will be cleared when GL.CR1.RSTDP or PORT.CR1.RSTDP or PORT.CR1.PD is set.
Table 12-14. BERT Register Map
Address
Register
Register Description
(0,2,4,6)60h BERT.CR
BERT Control Register
(0,2,4,6)62h BERT.PCR
BERT Pattern Configuration Register
(0,2,4,6)64h BERT.SPR1
BERT Seed/Pattern Register #1
(0,2,4,6)66h BERT.SPR2
BERT Seed/Pattern Register #2
(0,2,4,6)68h BERT.TEICR
BERT Transmit Error Insertion Control Register
(0,2,4,6)6Ah --
Unused
(0,2,4,6)6Ch BERT.SR
BERT Status Register
(0,2,4,6)6Eh BERT.SRL
BERT Status Register Latched
(0,2,4,6)70h BERT.SRIE
BERT Status Register Interrupt Enable
(0,2,4,6)72h --
Unused
(0,2,4,6)74h BERT.RBECR1
BERT Receive Bit Error Count Register #1
(0,2,4,6)76h BERT.RBECR2
BERT Receive Bit Error Count Register #2
(0,2,4,6)78h BERT.RBCR1
BERT Receive Bit Count Register #1
(0,2,4,6)7Ah BERT.RBCR2
BERT Receive Bit Count Register #2
(0,2,4,6)7Ch --
Unused
(0,2,4,6)7Eh --
Unused
12.4.2 BERT Register Bit Descriptions
Register Name:
BERT.CR
Register Description:
BERT Control Register
Register Address:
(0,2,4,6)60h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
PMUM
LPMU
RNPL
RPIC
MPR
APRD
TNPL
TPIC
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com