Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 150 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 150 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 146Page - Dallas Semiconductor DS3172 Datasheet HTML 147Page - Dallas Semiconductor DS3172 Datasheet HTML 148Page - Dallas Semiconductor DS3172 Datasheet HTML 149Page - Dallas Semiconductor DS3172 Datasheet HTML 150Page - Dallas Semiconductor DS3172 Datasheet HTML 151Page - Dallas Semiconductor DS3172 Datasheet HTML 152Page - Dallas Semiconductor DS3172 Datasheet HTML 153Page - Dallas Semiconductor DS3172 Datasheet HTML 154Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
150 of 232
Bit 2: Bit Error Insertion Enable (BEI) – When 0, single bit error insertion is disabled. When 1, single bit error
insertion is enabled.
Bit 1: Transmit Single Error Insert (TSEI) – This bit causes a bit error to be inserted in the transmit data stream if
manual error insertion is disabled (MEIMS = 0) and single bit error insertion is enabled. A 0 to 1 transition causes a
single bit error to be inserted. For a second bit error to be inserted, this bit must be set to 0, and back to 1. Note: If
MEIMS is low, and this bit transitions more than once between error insertion opportunities, only one error will be
inserted.
Bit 0: Manual Error Insert Mode Select (MEIMS) – When 0, error insertion is initiated by the TSEI register bit.
When 1, error insertion is initiated by the transmit manual error insertion signal (TMEI). Note: If TMEI or TSEI is
one, changing the state of this bit may cause a bit error to be inserted.
Register Name:
BERT.SR
Register Description:
BERT Status Register
Register Address:
(0,2,4,6)6Ch
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
PMS
--
BEC
OOS
Bit 3: Performance Monitoring Update Status (PMS) – This bit indicates the status of the receive performance
monitoring register (counters) update. This bit will transition from low to high when the update is completed. PMS
will be forced low when the LPMU bit (PMUM = 0) or the global or port PMU bit (PMUM=1) goes low.
Bit 1: Bit Error Count (BEC) – When 0, the bit error count is zero. When 1, the bit error count is one or more. This
bit is cleared when the user updates the BERT counters via the PMU bit (BERT.CR).
Bit 0: Out Of Synchronization (OOS) – When 0, the receive pattern generator is synchronized to the incoming
pattern. When 1, the receive pattern generator is not synchronized to the incoming pattern.
Register Name:
BERT.SRL
Register Description:
BERT Status Register Latched
Register Address:
(0,2,4,6)6Eh
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
PMSL
BEL
BECL
OOSL
Bit 3: Performance Monitoring Update Status Latched (PMSL) – This bit is set when the PMS bit transitions
from 0 to 1.
Bit 2: Bit Error Latched (BEL) – This bit is set when a bit error is detected.
Bit 1: Bit Error Count Latched (BECL) – This bit is set when the BEC bit transitions from 0 to 1.
Bit 0: Out Of Synchronization Latched (OOSL) – This bit is set when the OOS bit changes state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com