Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 153 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 153 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 149Page - Dallas Semiconductor DS3172 Datasheet HTML 150Page - Dallas Semiconductor DS3172 Datasheet HTML 151Page - Dallas Semiconductor DS3172 Datasheet HTML 152Page - Dallas Semiconductor DS3172 Datasheet HTML 153Page - Dallas Semiconductor DS3172 Datasheet HTML 154Page - Dallas Semiconductor DS3172 Datasheet HTML 155Page - Dallas Semiconductor DS3172 Datasheet HTML 156Page - Dallas Semiconductor DS3172 Datasheet HTML 157Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
153 of 232
12.5 B3ZS/HDB3 Line Encoder/Decoder
12.5.1 Transmit Side Line Encoder/Decoder Register Map
The transmit side utilizes one register.
Table 12-15. Transmit Side B3ZS/HDB3 Line Encoder/Decoder Register Map
Address
Register
Register Description
(0,2,4,6)8Ch
LINE.TCR
Line Transmit Control Register
(0,2,4,6)8Eh
--
Unused
12.5.1.1 Register Bit Descriptions
Register Name:
LINE.TCR
Register Description:
Line Transmit Control Register
Register Address:
(0,2,4,6)8Ch
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
TZSD
EXZI
BPVI
TSEI
MEIMS
Default
0
0
0
0
0
0
0
0
Bit 4: Transmit Zero Suppression Encoding Disable (TZSD) – When 0, the B3ZS/HDB3 Encoder performs zero
suppression (B3ZS or HDB3) and AMI encoding. When 1, zero suppression (B3ZS or HDB3) encoding is disabled,
and only AMI encoding is performed.
Bit 3: Excessive Zero Insert Enable (EXZI) – When 0, excessive zero (EXZ) event insertion is disabled. When 1,
EXZ event insertion is enabled.
Bit 2: Bipolar Violation Insert Enable (BPVI) – When 0, bipolar violation (BPV) insertion is disabled. When 1,
BPV insertion is enabled.
Bit 1: Transmit Single Error Insert (TSEI) – This bit causes an error of the enabled type(s) to be inserted in the
transmit data stream if manual error insertion is disabled (MEIMS = 0). A 0 to 1 transition causes a single error to
be inserted. For a second error to be inserted, this bit must be set to 0, and back to 1. Note: If MEIMS is low, and
this bit transitions more than once between error insertion opportunities, only one error will be inserted.
Bit 0: Manual Error Insert Mode Select (MEIMS) – When 0, error insertion is initiated by the TSEI register bit.
When 1, error insertion is initiated by the transmit manual error insertion signal (TMEI). Note: If TMEI or TSEI is
one, changing the state of this bit may cause an error to be inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com