Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 152 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 152 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 148Page - Dallas Semiconductor DS3172 Datasheet HTML 149Page - Dallas Semiconductor DS3172 Datasheet HTML 150Page - Dallas Semiconductor DS3172 Datasheet HTML 151Page - Dallas Semiconductor DS3172 Datasheet HTML 152Page - Dallas Semiconductor DS3172 Datasheet HTML 153Page - Dallas Semiconductor DS3172 Datasheet HTML 154Page - Dallas Semiconductor DS3172 Datasheet HTML 155Page - Dallas Semiconductor DS3172 Datasheet HTML 156Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
152 of 232
Register Name:
BERT.RBECR2
Register Description:
BERT Receive Bit Error Count Register #2
Register Address:
(0,2,4,6)76h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
BEC23
BEC22
BEC21
BEC20
BEC19
BEC18
BEC17
BEC16
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Bit Error Count (BEC[23:16]) - Upper 8-bits of Register.
Bit Error Count (BEC[23:0]) – These twenty-four bits indicate the number of bit errors detected in the incoming
data stream. This count stops incrementing when it reaches a count of FF FFFFh. This bit error counter will not
increment when an OOS condition exists. This register is updated via the PMU signal (see Section 10.4.5).
Register Name:
BERT.RBCR1
Register Description:
Receive Bit Count Register #1
Register Address:
(0,2,4,6)78h
Bit #
15
14
13
12
11
10
9
8
Name
BC15
BC14
BC13
BC12
BC11
BC10
BC9
BC8
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
Default
0
0
0
0
0
0
0
0
Bits 15 to 0: Bit Count (BC[15:0]) – Lower sixteen bits of 32 bits. Register description follows next register.
Register Name:
BERT.RBCR2
Register Description:
Receive Bit Count Register #2
Register Address:
(0,2,4,6)7Ah
Bit #
15
14
13
12
11
10
9
8
Name
BC31
BC30
BC29
BC28
BC27
BC26
BC25
BC24
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
BC23
BC22
BC21
BC20
BC19
BC18
BC17
BC16
Default
0
0
0
0
0
0
0
0
Bits 15 to 0: Bit Count (BC[31:16]) - Upper 16 bits of 32 bits.
Bit Count (BC[31:0]) – These thirty-two bits indicate the number of bits in the incoming data stream. This count
stops incrementing when it reaches a count of FFFF FFFFh. This bit counter will not increment when an OOS
condition exists. This register is updated via the PMU signal (see Section 10.4.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com