Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 139 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 139 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 135Page - Dallas Semiconductor DS3172 Datasheet HTML 136Page - Dallas Semiconductor DS3172 Datasheet HTML 137Page - Dallas Semiconductor DS3172 Datasheet HTML 138Page - Dallas Semiconductor DS3172 Datasheet HTML 139Page - Dallas Semiconductor DS3172 Datasheet HTML 140Page - Dallas Semiconductor DS3172 Datasheet HTML 141Page - Dallas Semiconductor DS3172 Datasheet HTML 142Page - Dallas Semiconductor DS3172 Datasheet HTML 143Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
139 of 232
Register Name:
PORT.CR3
Register Description:
Port Control Register 3
Register Address:
(0,2,4,6)44h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
RCLKS
RSOFOS
RESERVED
TCLKS
TSOFOS
RESERVED
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
P8KRS1
P8KRS0
P8KREF
LOOPT
CLADC
RFTS
TFTS
TLTS
Default
0
0
0
0
0
0
0
0
Bit 13: Receive Clock Output Select (RCLKS). This bit is used to select the function of the RGCLKn / RCLKOn
pins. See Table 10-24.
0 = Selects the RGCLKn signal, or the drive low pin function.
1 = Selects RCLKOn signal.
Bit 12: Receive Start Of Frame Output Select (RSOFOS). This bit is to select the function of the RSOFOn /
RDENn pins. See Table 10-23.
0 = Selects RDENn signal.
1 = Selects RSOFOn signal.
Bit 10: Transmit Clock Output Select (TCLKS). This bit is used to select the function of the TGCLKn / TCLKOn
pins. See Table 10-22.
0 = Selects TGCLKn signal.
1 = Selects TCLKOn signal.
Bit 9: Transmit Start Of Frame Output Select (TSOFOS). This bit is used to select the function of the TSOFOn /
TDENn pins. See Table 10-21.
0 = Selects TDENn signal.
1 = Selects TSOFOn signal.
Bits 7 to 6: Port 8 kHz Reference Source Select (P8KRS[1:0]). This bit selects the source of the 8 kHz reference
from the port sources. The 8K reference for this port can be used as the global 8K reference source. See Table
10-13.
PORT.CR3.P8KRS[1:0]
Source
0X
Undefined
10
Internal receive framer clock
11
Internal transmit framer clock
Bit 6: Port 8 kHz Reference Source Select (P8KRS). This bit selects the source of the 8 kHz reference from the
port sources. The 8K reference for this port can also be used as the global 8K reference source.
0 = Selects the receive internal framer clock (based on RLCLKn or RX LIU recovered clock
1 = Selects the transmit internal framer clock (based on TCLKIn or the CLAD clock)
Bit 5: PORT 8 kHz Reference Source (P8KREF). This bit selects the source of the 8 kHz reference for PLCP
trailer operation and one second timer.
0 = 8 kHz reference from global source
1 = 8 kHz reference from this ports selected source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com